Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11600JV Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LB11600JV
Szczegółowy opis  Brushless Motor Predriver IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11600JV Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LB11600JV Datasheet HTML 4Page - Sanyo Semicon Device LB11600JV Datasheet HTML 5Page - Sanyo Semicon Device LB11600JV Datasheet HTML 6Page - Sanyo Semicon Device LB11600JV Datasheet HTML 7Page - Sanyo Semicon Device LB11600JV Datasheet HTML 8Page - Sanyo Semicon Device LB11600JV Datasheet HTML 9Page - Sanyo Semicon Device LB11600JV Datasheet HTML 10Page - Sanyo Semicon Device LB11600JV Datasheet HTML 11Page - Sanyo Semicon Device LB11600JV Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LB11600JV
No.8321-8/30
Pin Functions
Pin
Number
Function
Function
Equivalent circuit
1
2
3
4
29
30
VH
VL
UH
UL
WH
WL
Outputs. These are push-pull
outputs.
Duty control is applied to the
UH, VH, and WH pins. Internal
50k
Ω leakage protection
resistors between the outputs
and ground are provided to
protect against output leakage
in standby mode.
5
6
7
8
9
10
IN1+
IN1-
IN2+
IN2-
IN3+
IN3-
Hall effect sensor inputs from
each motor phase.
The logic high state
corresponds to the state where
IN+ > IN-. If input is provided
from a Hall IC, the common
mode input range can be
expanded by biasing either the
+ or - input.
11
F/R
Forward/reverse switching
input.
12
HP
Hall signal single-phase
output. (This pin is an
open-collector output.) This pin
outputs a signal that is inverted
from the signal formed from
the IN3 input.
13
CEG
Rotation pulse edge detection
input.
(This input is used by the
one-shot multivibrator circuit.)
Insert a capacitor between this
pin and VCC.
Continued on next page.
1
3
29
2
4
30
VCC
UH, VH, WH
UL, VL, WL
VCC
6
8 10
5
7 9
300
300
IN+
IN-
VCC
3.5k
11
F/R
VCC
12
HP
24
13
VCC
300
VCC
CEG


Podobny numer części - LB11600JV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
365Kb / 30P
   Brushless Motor Predriver IC for Automotive Applications
logo
ON Semiconductor
LB11600JV ONSEMI-LB11600JV Datasheet
339Kb / 30P
   Brushless Motor Predriver IC
May, 2013
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV_11 Datasheet
365Kb / 30P
   Brushless Motor Predriver IC for Automotive Applications
More results

Podobny opis - LB11600JV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11600JV ONSEMI-LB11600JV Datasheet
339Kb / 30P
   Brushless Motor Predriver IC
May, 2013
logo
STMicroelectronics
L8150 STMICROELECTRONICS-L8150 Datasheet
732Kb / 37P
   Brushless motor predriver
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
526Kb / 17P
   Direct PWM Drive Brushless Motor Predriver IC
March 2015 - Rev. 1
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV_11 Datasheet
365Kb / 30P
   Brushless Motor Predriver IC for Automotive Applications
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
LB11696V ONSEMI-LB11696V_18 Datasheet
573Kb / 20P
   Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
logo
Sanyo Semicon Device
LB1823 SANYO-LB1823 Datasheet
118Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com