Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STB8444 Arkusz danych(PDF) 4 Page - SamHop Microelectronics Corp.

Numer części STB8444
Szczegółowy opis  N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STB8444 Arkusz danych(HTML) 4 Page - SamHop Microelectronics Corp.

  STB8444 Datasheet HTML 1Page - SamHop Microelectronics Corp. STB8444 Datasheet HTML 2Page - SamHop Microelectronics Corp. STB8444 Datasheet HTML 3Page - SamHop Microelectronics Corp. STB8444 Datasheet HTML 4Page - SamHop Microelectronics Corp. STB8444 Datasheet HTML 5Page - SamHop Microelectronics Corp. STB8444 Datasheet HTML 6Page - SamHop Microelectronics Corp. STB8444 Datasheet HTML 7Page - SamHop Microelectronics Corp. STB8444 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STB/P8444
www.samhop.com.tw
Mar,26,2008
4
C rs s
C s s
o
12
10
8
6
4
2
0
2
4
6
8
10
0
ID=80 A
125 C
75 C
25 C
Gate-Source Voltage
Figure 7. On-Resistance vs.
VGS, Gate-Sorce Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
20.0
10.0
1.0
0.0
0.2
0.4
0.6
0.8
1.0
125
125 C
25 C
75 C
VSD, Body Diode Forward Voltage(V)
Cis s
Figure 9. Capacitance
9000
7500
6000
4500
3000
1500
0
0
5
10
15
20
25
30
VDS, Drain-to Source Voltage(V)
10
8
6
4
2
0
0
20
40
60
80 100 120 140 160
Figure 10. Gate Charge
V DS = 20V
ID = 25A
Qg, Total Gate Charge(nC)
Figure 11.switching characteristics
1000
100
1
10
6 10
60 100
600
600
300
2200
T r
T D ( o f f )
T D ( o n )
T f
V DS =20V ,ID=1A
V G S =10V
Rg, Gate Resistance(
)
Figure 12. Maximum Safe
VDS, Drain-Source Voltage (V)
Operating Area
Ver 1.0
100
10
0.1
1
1000
1
10
100
10
0u
s
R
DS
(O
N)
Li
m
it
1m
s
10
m
s
DC
V GS =10V
S ingle P uls e
T c=25 C


Podobny numer części - STB8444

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STB80N20M5 STMICROELECTRONICS-STB80N20M5 Datasheet
935Kb / 14P
   N-channel 200 V, 0.019 ohm, 61 A, TO-220, D2PAK
STB80N4F6AG STMICROELECTRONICS-STB80N4F6AG Datasheet
855Kb / 15P
   High avalanche ruggedness
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06 Datasheet
295Kb / 9P
   N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET??POWER MOSFET
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06 Datasheet
405Kb / 13P
   N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
STB80NE03L-06-1 STMICROELECTRONICS-STB80NE03L-06-1 Datasheet
295Kb / 9P
   N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET??POWER MOSFET
More results

Podobny opis - STB8444

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com