Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STU405DH Arkusz danych(PDF) 4 Page - SamHop Microelectronics Corp.

Numer części STU405DH
Szczegółowy opis  Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU405DH Arkusz danych(HTML) 4 Page - SamHop Microelectronics Corp.

  STU405DH Datasheet HTML 1Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 2Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 3Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 4Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 5Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 6Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 7Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 8Page - SamHop Microelectronics Corp. STU405DH Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Parameter
Symbol
Condition
Min Typ Max Unit
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
VGS = 0V, Is =7A
N-Ch
0.98
1.2
-0.9
-1.2
VGS = 0V, Is =-6A
P-Ch
V
b
C
Notes
b.Guaranteed by design,not subject to production testing.
a.Pulse Test:Pulse Width 300 s,Duty Cycle 2%.
N-Channel
S T U405DH
F igure 2. Trans fer C haracteris tics
F igure 4. On-R es is tance Variation with
Drain C urrent and Temperature
ID, Drain C urrent (A)
V GS , G ate-to-S ource Voltage (V )
60
48
36
24
12
0
20
12
8
4
0
0
0.8
1.6
2.4
3.2
4.0
4.8
1.5
1.4
1.3
1.2
1.1
1.0
0.0
0
25
50
75
Tj( C )
100
125
V GS =10V
ID=8A
T j, J unction T empera ture ( C )
F igure 1. Output C haracteris tics
V DS ,Drain-to-S ource Voltage (V )
40
32
24
16
8
0
0
0.5
1
1.5
2
2.5
3
F igure 3. On-R es is tance vs . Drain C urrent
and G ate V oltage
816
24
32
40
1
V GS =10V
V GS =4.5V
V GS =4.5V
ID=6A
16
150
V GS =2.5V
V GS =3V
V GS =3.5V
V GS =4V
V GS =4.5V
V GS =10V
Tj =125 C
-55 C
25 C
72


Podobny numer części - STU405DH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
STU405D SAMHOP-STU405D Datasheet
988Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
More results

Podobny opis - STU405DH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
STM8457 SAMHOP-STM8457 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU407D SAMHOP-STU407D Datasheet
879Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU409DH SAMHOP-STU409DH Datasheet
849Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8309 SAMHOP-STM8309 Datasheet
512Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8450 SAMHOP-STM8450 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
STM8405 SAMHOP-STM8405 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8401 SAMHOP-SDM8401 Datasheet
1Mb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STS2620 SAMHOP-STS2620 Datasheet
926Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
STM8301 SAMHOP-STM8301 Datasheet
1,014Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com