Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD421S Arkusz danych(PDF) 4 Page - SamHop Microelectronics Corp.

Numer części STD421S
Szczegółowy opis  P -Channel Logic Level E nhancement Mode F ield E ffect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD421S Arkusz danych(HTML) 4 Page - SamHop Microelectronics Corp.

  STD421S Datasheet HTML 1Page - SamHop Microelectronics Corp. STD421S Datasheet HTML 2Page - SamHop Microelectronics Corp. STD421S Datasheet HTML 3Page - SamHop Microelectronics Corp. STD421S Datasheet HTML 4Page - SamHop Microelectronics Corp. STD421S Datasheet HTML 5Page - SamHop Microelectronics Corp. STD421S Datasheet HTML 6Page - SamHop Microelectronics Corp. STD421S Datasheet HTML 7Page - SamHop Microelectronics Corp. STD421S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
S TU/D421S
F igure 6. B reakdown V oltage V ariation
with T emperature
F igure 8. B ody Diode F orward V oltage
V ariation with S ource C urrent
V S D, B ody Diode F orward V oltage (V )
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
4
6
20.0
10.0
1.0
0
0.4
0.8
1.2
1.6
2.0
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-50 -25
0
25
50
75 100 125 150
V DS =V GS
ID=-250uA
-50 -25
0
25 50
75 100 125 150
1.27
1.18
1.09
1.00
0.91
0.82
0.73
ID=-250uA
V GS , G ate-S ource Voltage (V )
180
150
120
90
60
30
0
F igure 7. On-R esistance vs.
G ate-S ource V oltage
2
4
6
8
10
0
F igure 5. G ate T hres hold V ariation
with T emperature
125 C
25 C
75 C
125 C
ID=-10A
5.0
75 C
25 C


Podobny numer części - STD421S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
STD421S VBSEMI-STD421S Datasheet
997Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Podobny opis - STD421S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
STU3055L SAMHOP-STU3055L Datasheet
765Kb / 8P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
ST426S SAMHOP-ST426S Datasheet
175Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU420S SAMHOP-STU420S Datasheet
940Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU426S SAMHOP-STU426S Datasheet
175Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
SDU40N03 SAMHOP-SDU40N03 Datasheet
386Kb / 5P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
SDU9435 SAMHOP-SDU9435 Datasheet
396Kb / 5P
   P - Channel E nhancement Mode F ield E ffect Transistor
STS4501 SAMHOP-STS4501 Datasheet
116Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM9435 SAMHOP-STM9435 Datasheet
655Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM4431 SAMHOP-STM4431 Datasheet
887Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STU20N03L SAMHOP-STU20N03L Datasheet
801Kb / 8P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com