Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L-12041 Arkusz danych(PDF) 1 Page - Rhombus Industries Inc.

Numer części L-12041
Szczegółowy opis  Power Line Chokes (Beads)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RHOMBUS-IND [Rhombus Industries Inc.]
Strona internetowa  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-12041 Arkusz danych(HTML) 1 Page - Rhombus Industries Inc.

  L-12041 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transformers & Magnetic Products
Industries Inc.
Rhombus
Specifications are subject to change without notice
BOBNCOIL - 5/97
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 l FAX: (714) 896-0971
4
Part
L
DCR
I - Sat.
I - Rat.
Number
µH
Ω Max.
Amps
Amps
L-12100
3.9
0.019
7.300
1.28
L-12101
4.7
0.022
6.300
1.28
L-12102
5.6
0.024
5.600
1.28
L-12103
6.8
0.026
5.300
1.28
L-12104
8.2
0.028
4.500
1.28
L-12105
10
0.033
4.100
1.28
L-12106
12
0.037
3.600
1.28
L-12107
15
0.040
3.300
1.28
L-12108
18
0.044
3.000
1.28
L-12109
22
0.050
2.700
1.28
L-12110
27
0.058
2.500
1.28
L-12111
33
0.075
2.200
1.008
L-12112
39
0.094
2.000
0.804
L-12113
47
0.109
1.800
0.804
L-12114
56
0.140
1.700
0.804
L-12115
68
0.145
1.500
0.804
L-12116
82
0.152
1.400
0.804
L-12117
100
0.208
1.200
0.632
L-12118
120
0.283
1.100
0.508
L-12119
150
0.340
1.000
0.508
L-12120
180
0.362
0.950
0.508
L-12121
220
0.430
0.860
0.508
L-12122
270
0.557
0.770
0.400
L-12123
330
0.665
0.700
0.400
L-12124
390
0.712
0.640
0.400
L-12125
470
1.150
0.590
0.315
L-12126
560
1.270
0.540
0.315
L-12127
680
1.610
0.490
0.250
L-12128
820
1.960
0.440
0.200
L-12129
1000
2.300
0.400
0.200
L-12130
1200
2.650
0.350
0.200
L-12131
1500
3.450
0.330
0.158
L-12132
1800
4.030
0.290
0.158
L-12133
2200
4.480
0.270
0.158
L-12134
2700
5.400
0.240
0.125
L-12135
3300
6.560
0.220
0.125
L-12136
3900
8.630
0.200
0.100
L-12137
4700
9.660
0.180
0.100
L-12138
5600
13.900
0.166
0.082
L-12139
6800
16.300
0.151
0.082
L-12140
8200
20.800
0.138
0.065
L-12141
10000
26.400
0.125
0.050
L-12142
12000
29.900
0.114
0.050
L-12143
15000
42.500
0.098
0.039
L-12144
18000
48.300
0.091
0.039
Part
L
DCR
I - Sat.
I - Rat.
Number
µH
Ω Max.
Amps
Amps
L-12000
3.9
0.007
15.5
4.0
L-12001
4.7
0.008
13.9
4.0
L-12002
5.6
0.009
12.6
4.0
L-12003
6.8
0.011
11.5
4.0
L-12004
8.2
0.013
9.89
4.0
L-12005
10
0.017
8.70
4.0
L-12006
12
0.019
8.21
4.0
L-12007
15
0.022
7.34
4.0
L-12008
18
0.023
6.64
4.0
L-12009
22
0.026
6.07
4.0
L-12010
27
0.027
5.36
4.0
L-12011
33
0.032
4.82
4.0
L-12012
39
0.033
4.36
4.0
L-12013
47
0.035
3.98
4.0
L-12014
56
0.037
3.66
3.2
L-12015
68
0.047
3.31
2.5
L-12016
82
0.060
3.10
2.0
L-12017
100
0.080
2.79
1.6
L-12018
120
0.090
2.54
1.6
L-12019
150
0.107
2.22
1.6
L-12020
180
0.123
1.98
1.6
L-12021
220
0.150
1.89
1.6
L-12022
270
0.162
1.63
1.6
L-12023
330
0.183
1.51
1.6
L-12024
390
0.212
1.39
1.6
L-12025
470
0.281
1.24
1.2
L-12026
560
0.380
1.17
1.0
L-12027
680
0.420
1.05
1.0
L-12028
820
0.548
0.97
0.8
L-12029
1000
0.655
0.87
0.8
L-12030
1200
0.884
0.79
0.6
L-12031
1500
1.040
0.70
0.6
L-12032
1800
1.180
0.64
0.6
L-12033
2200
1.560
0.58
0.5
L-12034
2700
2.060
0.53
0.4
L-12035
3300
2.530
0.47
0.4
L-12036
3900
2.750
0.43
0.4
L-12037
4700
3.190
0.39
0.4
L-12038
5600
3.920
0.359
0.315
L-12039
6800
5.690
0.322
0.25
L-12040
8200
6.320
0.293
0.25
L-12041
10000
7.300
0.266
0.25
L-12042
12000
9.210
0.241
0.20
L-12043
15000
10.5
0.214
0.2
L-12044
18000
14.8
0.198
0.158
Power Line Chokes (Beads)
Pkg. for Series L-120XX
Pkg. for Series L-121XX
Applications:
Power Amplifiers
Filters
Power Supplies SCR and Triac Controls
Speaker Crossover Networks RFI Suppression
Axial Leads - #20 AWG Tinned Copper
Coils finished with Polyolefin Shrink Tube
Test Frequency 1 kHz
Saturation current lowers inductance by 5% typ.


Podobny numer części - L-12041

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
L-1206M0R10FBBS VISHAY-L-1206M0R10FBBS Datasheet
130Kb / 3P
   Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
Revision: 31-Jul-08
L-1206M0R10GBBS VISHAY-L-1206M0R10GBBS Datasheet
130Kb / 3P
   Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
Revision: 31-Jul-08
L-1206M0R10HBBS VISHAY-L-1206M0R10HBBS Datasheet
130Kb / 3P
   Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
Revision: 31-Jul-08
L-1206M0R10JBBS VISHAY-L-1206M0R10JBBS Datasheet
130Kb / 3P
   Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
Revision: 31-Jul-08
L-1206M0R10KBBS VISHAY-L-1206M0R10KBBS Datasheet
130Kb / 3P
   Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
Revision: 31-Jul-08
More results

Podobny opis - L-12041

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com