Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL2TTE20L0G Arkusz danych(PDF) 5 Page - KOA Speer Electronics, Inc.

Numer części SL2TTE20L0G
Szczegółowy opis  Current Sensing Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KOA [KOA Speer Electronics, Inc.]
Strona internetowa  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SL2TTE20L0G Arkusz danych(HTML) 5 Page - KOA Speer Electronics, Inc.

  SL2TTE20L0G Datasheet HTML 1Page - KOA Speer Electronics, Inc. SL2TTE20L0G Datasheet HTML 2Page - KOA Speer Electronics, Inc. SL2TTE20L0G Datasheet HTML 3Page - KOA Speer Electronics, Inc. SL2TTE20L0G Datasheet HTML 4Page - KOA Speer Electronics, Inc. SL2TTE20L0G Datasheet HTML 5Page - KOA Speer Electronics, Inc. SL2TTE20L0G Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KOA SPEER ELECTRONICS, INC.
SS-199 R18
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 5 OF 6
A1
A2
B1
B2
C
D
F
J
K1
K2
Q
T1
T2
TSL
.134
.125
.260
.244
.472
.216
.157
.059
.051
.043
.059
.010
.008
(3.4±0.1) (3.2±0.1) (6.6±0.1)
(6.2±0.1) (12.0±0.2) (5.5±0.1) (4.0±0.1) (1.5± 0.1) (1.3±0.1) (1.1 ± 0.1) (1.5± 0.1) (0.25±0.05) (0.20±0.05)
SL-1
.142
.134
.267
.252
.472
.216
.315
.059
.092
.085
.059
.010
.008
(3.6±0.1) (3.4±0.1) (6.8±0.1)
(6.4±0.1) (12.0±0.2) (5.5±0.1) (8.0±0.1) (1.5± 0.1) (2.35±0.1) (2.15±0.1) (1.5± 0.1) (0.25±0.05) (0.20±0.05)
SL-2
.303
.291
.480
.469
.945
.452
.472
.059
.134
.126
.081
.010
.008
(7.7±0.1) (7.4±0.1) (12.2±0.1) (11.9±0.1) (24.0±0.2) (11.5±0.1) (12.0±0.1) (1.55± 0.5) (3.4±0.1) (3.2±0.1) (2.05± 0.5) (0.25±0.05) (0.20±0.05)
SL-3
.303
.291
.480
.469
.945
.452
.472
.059
.122
.110
.059
.016
.012
(7.7±0.1) (7.4±0.1) (12.2±0.1) (11.9±0.1) (24.0±0.2) (11.5±0.1) (12.0±0.1) (1.5± 0.1) (3.1±0.1) (2.8±0.1) (1.5± 0.1) (0.40±0.05) (0.30±0.05)
SLN-2
.303
––
.480
––
.472
––
.472
––
.122
––
––
––
––
(7.7±0.1)
(12.2±0.1)
(12.0±0.1)
(12.0±0.2)
(3.1±0.1)
7. Taping
7-1Dimensions of Carrier Tape
T2
T1
K2
K1
J
Q
F
.012
(0.3 øMax.)
.079
(2.0)
.157
(4.0)
C
D
.069
(1.75)
B1
B2
A2
A1
Dimensions in inches (mm)
0.0
0.0
0.5
0.0
0.0
0.0
0.5
0.0
7-2 Taped Configuration
Dimensions in inches (mm)
End tape
(Empty)
(Empty)
Leader tape
5.90 (150) min.
1.57 (40) min.
3.15 (80) min.
(Top tape)


Podobny numer części - SL2TTE20L0G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KOA Speer Electronics, ...
SL2TTE20L0G KOA-SL2TTE20L0G Datasheet
284Kb / 2P
   surface mount molded current sense resistors
More results

Podobny opis - SL2TTE20L0G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
NCSP NIC-NCSP Datasheet
119Kb / 2P
   Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
   Current Sensing Chip Resistors
logo
American Accurate Compo...
CRL10R020JNM AAC-CRL10R020JNM_17 Datasheet
269Kb / 1P
   CURRENT SENSING CHIP RESISTORS
CTL05R015FJM AAC-CTL05R015FJM_17 Datasheet
555Kb / 2P
   PRECISION CURRENT SENSING CHIP RESISTORS
logo
Vishay Siliconix
SAK1UF0124 VISHAY-SAK1UF0124 Datasheet
94Kb / 3P
   Current Sensing Bondable Chip Resistors
Revision: 06-Oct-08
logo
List of Unclassifed Man...
CSTN02 ETC-CSTN02 Datasheet
1Mb / 3P
   THIN FILM CURRENT SENSING CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com