Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSL1TTE20L0D Arkusz danych(PDF) 3 Page - KOA Speer Electronics, Inc.

Numer części TSL1TTE20L0D
Szczegółowy opis  Current Detecting Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KOA [KOA Speer Electronics, Inc.]
Strona internetowa  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TSL1TTE20L0D Arkusz danych(HTML) 3 Page - KOA Speer Electronics, Inc.

  TSL1TTE20L0D Datasheet HTML 1Page - KOA Speer Electronics, Inc. TSL1TTE20L0D Datasheet HTML 2Page - KOA Speer Electronics, Inc. TSL1TTE20L0D Datasheet HTML 3Page - KOA Speer Electronics, Inc. TSL1TTE20L0D Datasheet HTML 4Page - KOA Speer Electronics, Inc. TSL1TTE20L0D Datasheet HTML 5Page - KOA Speer Electronics, Inc. TSL1TTE20L0D Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KOA SPEER ELECTRONICS, INC.
SS-218 R5
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 3 OF 6
6. Characteristics
6.1 Electrical Characteristics
No.
Requirement
1
2
5
6
3
4
Resistance
Insulation
Withstanding
Voltage
Below ±0.5%
No short, burning
and arc
T.C.R.
Short Time Overload
Intermittent
Overload
Within tolerance
Above 104
R < 13 mΩ ± 180 ppm/°C
R ≥ 15 mΩ ± 100 ppm/°C
Below ±1.0%
Below ±5.0%
JIS C 5202 5.1
Measuring voltage A 25°C
JIS C 5202 5.6
Surface center to termination
D.C. 500V
JIS C 5202 5.7
A.C. 500V 60 sec.
JIS C 5202 5.2
+25°C / +125°C
RP x 2.5 5 sec.
JIS C 5202 5.8
RV x 5.0
1 sec. ON / 25 sec. OFF
1,000 cycles
Characteristics
Test Method
SS-218 R5
5/25/07
5:25 PM
Page 3


Podobny numer części - TSL1TTE20L0D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KOA Speer Electronics, ...
TSL1TTE20L0D KOA-TSL1TTE20L0D Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
TSL1TTE20L0D KOA-TSL1TTE20L0D Datasheet
284Kb / 2P
   surface mount molded current sense resistors
More results

Podobny opis - TSL1TTE20L0D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Token Electronics Indus...
CS01 TOKEN-CS01 Datasheet
427Kb / 8P
   CS Current Detecting Chip Resistors
logo
KOA Speer Electronics, ...
BPR KOA-BPR Datasheet
378Kb / 2P
   Power type current detecting resistors
logo
HOKURIKU ELECTRIC INDUS...
E0119AA HOKURIKU-E0119AA Datasheet
44Kb / 1P
   Current Detecting Plate Chip Resistor
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSP NIC-NCSP Datasheet
119Kb / 2P
   Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
   Current Sensing Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com