Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSL1TTED20L0F Arkusz danych(PDF) 1 Page - KOA Speer Electronics, Inc.

Numer części TSL1TTED20L0F
Szczegółowy opis  Current Sensing Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KOA [KOA Speer Electronics, Inc.]
Strona internetowa  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TSL1TTED20L0F Arkusz danych(HTML) 1 Page - KOA Speer Electronics, Inc.

  TSL1TTED20L0F Datasheet HTML 1Page - KOA Speer Electronics, Inc. TSL1TTED20L0F Datasheet HTML 2Page - KOA Speer Electronics, Inc. TSL1TTED20L0F Datasheet HTML 3Page - KOA Speer Electronics, Inc. TSL1TTED20L0F Datasheet HTML 4Page - KOA Speer Electronics, Inc. TSL1TTED20L0F Datasheet HTML 5Page - KOA Speer Electronics, Inc. TSL1TTED20L0F Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
KOA SPEER ELECTRONICS, INC.
SS-199 R18
AHA 5/01/08
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 1 OF 6
Current Sensing Chip Resistors
Type SL/TSL Resistor
1. Scope
This specification applies to current sensing chip resistors (SL/TSL) produced by KOA Corporation.
Products with lead-free terminations meet EU-RoHS requirements. Pb located in glass material,
electrode and resistor element is exempt per Annex 1, exemption 5 of EU directive 2005/95/EC
2. Type Designation
The type designation shall be in the following form:
Size
Tolerance
Nominal
Resistance
1 Watt
2 Watt
3 Watt
SL
SLN
TSL
D: ± 0.5%
F: ± 1%
G: ±2%
J: ± 5%
±5%: 2 significant figures + 1 multiplier
“R” indicates decimal on value <10Ω
±1%: 3 significant figures + 1 multiplier
“R” indicates decimal on value <100Ω
All values less than 0.1Ω (100mΩ) are
expressed in mΩ with “L” as decimal
Example: 20mΩ, 1% = 20L0
1
F
20L0
Packaging
SL1, TSL-
TE: 7" Embossed Plastic
SL2, SLN2, SL3, SLN2-
TED: 10" Embossed Plastic
(TSL - 3,000 pcs/reel)
(SL - 1,000 pcs/reel)
TE
Termination
Material
T: Sn
(Other
termination
styles may be
available, please
contact factory
for options)
T
SL
Type
New Type
3. Standard Applications
CERTIFIED
CERTIFIED
Absolute
Maximum
Working
Voltage
Resistance
Tolerance
E-24*
Resistance
Range
Part
Designation
Absolute
Maximum
Overload
Voltage
Operating
Temperature
Range
Power
Rating
T.C.R.
(ppm/°C)
Max.
SL1
SL2
TSL1
2W
1W
1W
200V
500V
400V
1000V
-55°C to +180°C
±180: R=<13mΩ
±100: R=>15mΩ
±180: R=<10mΩ
±100: R=>11mΩ
±180: R=<13mΩ
±100: R=>15mΩ
5mΩ - 1MΩ
(G: ±2%)
SL3
3W
5mΩ - 100mΩ
±180: R=<10mΩ
±100: R=>11mΩ
(F: ±1%)
(J: ±5%)
3mΩ ~ 22MΩ
3mΩ, 4mΩ
(J: ±5%)
(F: ±1%)
3mΩ - 22MΩ
(G: ±2%)
5mΩ ~ 1MΩ
3mΩ, 4mΩ
(F: ±1%)
(J: ±5%)
10mΩ - 1MΩ
(D: ±0.5%)
10mΩ - 1MΩ
(D: ±0.5%)
√ PR
√ PR
√ PR
√ PR
10mΩ - 100mΩ
(F: ±1%)
(J: ±5%)
5mΩ - 100mΩ
* 3m, 4m, 5m, 6m, 7m, 8m, 9m resistance values also available
(D: ±0.5%)
10mΩ - 100mΩ
(D: ±0.5%)
SLN2
2W
5mΩ - 200mΩ
±110: R<10mΩ
±75: R=>10mΩ
(D: ±0.5%)
(F: ±1%)
(J: ±5%)
––
––


Podobny numer części - TSL1TTED20L0F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KOA Speer Electronics, ...
TSL1TTED20L0F KOA-TSL1TTED20L0F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
More results

Podobny opis - TSL1TTED20L0F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
NCSP NIC-NCSP Datasheet
119Kb / 2P
   Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
   Current Sensing Chip Resistors
logo
American Accurate Compo...
CRL10R020JNM AAC-CRL10R020JNM_17 Datasheet
269Kb / 1P
   CURRENT SENSING CHIP RESISTORS
CTL05R015FJM AAC-CTL05R015FJM_17 Datasheet
555Kb / 2P
   PRECISION CURRENT SENSING CHIP RESISTORS
logo
Vishay Siliconix
SAK1UF0124 VISHAY-SAK1UF0124 Datasheet
94Kb / 3P
   Current Sensing Bondable Chip Resistors
Revision: 06-Oct-08
logo
List of Unclassifed Man...
CSTN02 ETC-CSTN02 Datasheet
1Mb / 3P
   THIN FILM CURRENT SENSING CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com