Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L-11012 Arkusz danych(PDF) 1 Page - Rhombus Industries Inc.

Numer części L-11012
Szczegółowy opis  CURRENT SENSE INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RHOMBUS-IND [Rhombus Industries Inc.]
Strona internetowa  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-11012 Arkusz danych(HTML) 1 Page - Rhombus Industries Inc.

  L-11012 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transformers & Magnetic Products
Industries Inc.
Rhombus
Specifications are subject to change without notice
I-SENSE - 2/96
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
Physical Dimensions
inches (mm)
2
Part
Number
Schematic Style
Secondary
Turns
Secondary
Induct. min.
DCR
max.
Terminating
Resistance
Pri. Unipolar
Amp-microsec.
Max. Rating
Pri. Bipolar
Amp-microsec.
Max. Rating
( mH )
( Ω )
( Ω )
L-11001
A
50
5.0
0.70
50
150
300
L-11002
A
100
20.0
1.40
100
300
600
L-11003
A
200
80.0
4.70
200
600
1200
L-11004
A
300
180.0
11.00
300
900
1800
L-11011
B
50CT
5.0
0.70
50
150
300
L-11012
B
100CT
20.0
1.40
100
300
600
L-11013
B
200CT
80.0
4.50
200
600
1200
L-11014
B
300CT
180.0
11.00
300
900
1800
1) Leads are 20 AWG
2) Lead length is .170 Min.
CURRENT SENSE INDUCTORS
DESIGNED FOR SWITCHING POWER SUPPLY APPLICATIONS
HOLE THRU CENTER FOR PRIMARY WINDING
FREQUENCY RANGE 20KHZ OR GREATER
1 TURN PRIMARY PEAK SENSE CURRENT 20 AMPS
2500V RMS HIPOT
Electrical Specifications at 25OC
STYLE "A"
SCHEMATIC
1
3
STYLE "B"
SCHEMATIC
1
2
3


Podobny numer części - L-11012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rhombus Industries Inc.
L-11002 RHOMBUS-IND-L-11002 Datasheet
19Kb / 1P
   CURRENT SENSE INDUCTOR
More results

Podobny opis - L-11012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
FIS PULSE-FIS Datasheet
355Kb / 1P
   Current Sense Inductors
logo
Datatronic Distribution...
PT21901 DATATRONICS-PT21901 Datasheet
55Kb / 1P
   CURRENT SENSE INDUCTORS
PT21925 DATATRONICS-PT21925 Datasheet
55Kb / 1P
   CURRENT SENSE INDUCTORS
logo
Nuvotem Talema
AS-100 TALEMA-AS-100 Datasheet
58Kb / 2P
   Current Sense Inductors & Transformers
logo
Pulse A Technitrol Comp...
PE-64487NL PULSE-PE-64487NL Datasheet
72Kb / 1P
   THT CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-51686NL PULSE-PE-51686NL Datasheet
86Kb / 1P
   THT CURRENT SENSE TRANSFORMERS INDUCTORS
PE-51688NL PULSE-PE-51688NL Datasheet
78Kb / 2P
   THT CURRENT SENSE TRANSFORMERS INDUCTORS
logo
Datatronic Distribution...
PT27310 DATATRONICS-PT27310 Datasheet
74Kb / 1P
   Current Sense Inductors 50kHz - 200kHz
logo
Pulse A Technitrol Comp...
PE-51687NL PULSE-PE-51687NL Datasheet
72Kb / 1P
   THT CURRENT SENSE TRANSFORMERS & INDUCTORS
PE-63586 PULSE-PE-63586 Datasheet
67Kb / 1P
   THE CURRENT SENSE TRANSFORMERS & INDUCTORS
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com