Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D01L8B Arkusz danych(PDF) 1 Page - Frequency Devices, Inc.

Numer części D01L8B
Szczegółowy opis  32-Pin DIP 8-, 6-, 4-Pole Filters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREQUENCYDEVICES [Frequency Devices, Inc.]
Strona internetowa  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

D01L8B Arkusz danych(HTML) 1 Page - Frequency Devices, Inc.

  D01L8B Datasheet HTML 1Page - Frequency Devices, Inc. D01L8B Datasheet HTML 2Page - Frequency Devices, Inc. D01L8B Datasheet HTML 3Page - Frequency Devices, Inc. D01L8B Datasheet HTML 4Page - Frequency Devices, Inc. D01L8B Datasheet HTML 5Page - Frequency Devices, Inc. D01L8B Datasheet HTML 6Page - Frequency Devices, Inc. D01L8B Datasheet HTML 7Page - Frequency Devices, Inc. D01L8B Datasheet HTML 8Page - Frequency Devices, Inc. D01L8B Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
100 Hz to 1.00 MHz
Fixed Frequency
D01 Series
32-Pin DIP
8-, 6-, 4-Pole Filters
Description
The D01 Series of small, fixed-frequency, linear
active DIP filters provide high performance linear,
multi-pole filtering in a compact package, with a
broad range of pole configurations. These
Butterworth and Bessel low-pass filters combine the
excellent performance of linear multi-pole filter
design with the space saving of the dual in-line
package (DIP). Each model comes factory tuned to
a user-specified corner frequency between 100Hz
and 1 MHz. These fully self-contained units require
no external components or adjustments. They
operate with dynamic input voltage range from non-
critical ±2.5V to ±7.5V power supplies.
Features/Benefits:
• Low harmonic distortion and wide signal-to-noise
ratio to 12 bit resolution
• Compact DIP design minimizes board space
requirements
• Plug-in
ready-to-use,
reducing
engineering
design and manufacturing time
• Factory tuned, no external clocks or adjustments
needed
• Broad range of pole configurations and corner
frequencies to meet a wide range of applications
Applications
• Anti-alias filtering
• Data acquisition systems
• Video systems
• Communication systems and electronics
• Medical electronics equipment and research
• Aerospace, navigation and sonar applications
• Sound and vibration testing
• Real and compressed time data analysis
• Noise elimination
• Signal reconstruction
Available Low-Pass Models:
D01L8B
8-pole Butterworth . . . . . . . . . . . . . . .2
D01L6B
6-pole Butterworth . . . . . . . . . . . . . . .2
D01L4B
4-pole Butterworth . . . . . . . . . . . . . . .2
D01L8L
8-pole Bessel . . . . . . . . . . . . . . . . . . .3
D01L6L
6-pole Bessel . . . . . . . . . . . . . . . . . . .3
D01L4L
4-pole Bessel . . . . . . . . . . . . . . . . . . .3
General Specifications:
Pin-out/package data & ordering information . . . .4


Podobny numer części - D01L8B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frequency Devices, Inc.
D01L8B-EVR FREQUENCYDEVICES-D01L8B-EVR Datasheet
686Kb / 5P
   32-Pin DIP 8-Pole Filter
More results

Podobny opis - D01L8B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
DP66 ETC1-DP66 Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D66L6B FREQUENCYDEVICES-D66L6B Datasheet
581Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
List of Unclassifed Man...
DP76 ETC1-DP76 Datasheet
650Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D76L6B FREQUENCYDEVICES-D76L6B Datasheet
877Kb / 6P
   32 Pin DIP 6-Pole Filters
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
   32 Pin DIP 8-Pole Filters
logo
List of Unclassifed Man...
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
logo
Frequency Devices, Inc.
428L4B-1 FREQUENCYDEVICES-428L4B-1 Datasheet
980Kb / 18P
   32-Pin DIP 8-Pole Filters
logo
List of Unclassifed Man...
DP68 ETC1-DP68 Datasheet
478Kb / 17P
   32 Pin DIP 8-Pole Filters
DP78 ETC1-DP78 Datasheet
564Kb / 6P
   32 Pin DIP 8-Pole Filters
logo
Frequency Devices, Inc.
D78L8B FREQUENCYDEVICES-D78L8B Datasheet
368Kb / 6P
   32 Pin DIP 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com