Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4068BE Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części CD4068BE
Szczegółowy opis  CMOS 8-INPUT NAND AND GATE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD4068BE Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button CD4068BE Datasheet HTML 2Page - Texas Instruments CD4068BE Datasheet HTML 3Page - Texas Instruments CD4068BE Datasheet HTML 4Page - Texas Instruments CD4068BE Datasheet HTML 5Page - Texas Instruments CD4068BE Datasheet HTML 6Page - Texas Instruments CD4068BE Datasheet HTML 7Page - Texas Instruments CD4068BE Datasheet HTML 8Page - Texas Instruments CD4068BE Datasheet HTML 9Page - Texas Instruments CD4068BE Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Podobny numer części - CD4068BE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4068BE TI1-CD4068BE Datasheet
1Mb / 15P
[Old version datasheet]   CMOS 8-Input NAND/AND Gate
CD4068BEE4 TI1-CD4068BEE4 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS 8-Input NAND/AND Gate
More results

Podobny opis - CD4068BE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD4068BMS INTERSIL-CD4068BMS Datasheet
65Kb / 8P
   CMOS 8 Input NAND/AND Gate
December 1992
logo
Texas Instruments
CD4068B TI1-CD4068B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS 8-Input NAND/AND Gate
logo
STMicroelectronics
HCF4068B STMICROELECTRONICS-HCF4068B_01 Datasheet
159Kb / 8P
   8 INPUT NAND/AND GATE
HCC4068B STMICROELECTRONICS-HCC4068B Datasheet
264Kb / 10P
   8-INPUT NAND/AND GATE
logo
Motorola, Inc
MC74HC30 MOTOROLA-MC74HC30 Datasheet
146Kb / 5P
   8-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
STMicroelectronics
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
   8 Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
   8-input NAND Gate
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
   8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
   8 INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com