Zakładka z wyszukiwarką danych komponentów |
|
CD4077BM Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
CD4077BM Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 8 page 5 FIGURE 7. TYPICAL TRANSITION TIME AS A FUNCTION OF LOAD CAPACITANCE FIGURE 8. TYPICAL PROPAGATION DELAY TIME AS A FUNCTION OF LOAD CAPACITANCE FIGURE 9. TYPICAL PROPAGATION DELAY TIME AS A FUNCTION OF SUPPLY VOLTAGE FIGURE 10. TYPICAL DYNAMIC POWER DISSIPATION AS A FUNCTION OF INPUT FREQUENCY Typical Performance Curves (Continued) TA = 25 oC SUPPLY VOLTAGE (VDD) = 5V 10V 15V 200 150 100 50 0 020 40 60 CL, LOAD CAPACITANCE (pF) 80 100 110 TA = 25 oC SUPPLY VOLTAGE (VDD) = 5V 10V 15V 300 200 100 0 020 40 60 CL, LOAD CAPACITANCE (pF) 80 100 TA = 25 oC 300 200 100 0 0 5 10 15 VDD, SUPPLY VOLTAGE (V) 20 LOAD CAPACITANCE CL = 50pF TA = 25 oC SUPPL Y V OL TA GE (V DD ) = 15V 5V 103 102 10 1 10-1 10-1 110 102 fI, INPUT FREQUENCY (kHz) 103 104 104 105 10V CL = 50pF CL = 15pF 10V CD4070B, CD4077B |
Podobny numer części - CD4077BM |
|
Podobny opis - CD4077BM |