Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM704A Arkusz danych(PDF) 2 Page - Sparkle Power Inc.

Numer części FM704A
Szczegółowy opis  EMI Input Filter and Transient Suppression Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPI [Sparkle Power Inc.]
Strona internetowa  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FM704A Arkusz danych(HTML) 2 Page - Sparkle Power Inc.

  FM704A Datasheet HTML 1Page - Sparkle Power Inc. FM704A Datasheet HTML 2Page - Sparkle Power Inc. FM704A Datasheet HTML 3Page - Sparkle Power Inc. FM704A Datasheet HTML 4Page - Sparkle Power Inc. FM704A Datasheet HTML 5Page - Sparkle Power Inc. FM704A Datasheet HTML 6Page - Sparkle Power Inc. FM704A Datasheet HTML 7Page - Sparkle Power Inc. FM704A Datasheet HTML 8Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FM-704A EMI Input Filter and Transient Suppression Module
Crane Aerospace & Electronics Power Solutions
Page 2 of 8
Rev B - 20060125
www.craneae.com
OPERATING CONDITIONS AND CHARACTERISTICS
Input Voltage Range
• 16 to 40 VDC continuous for 40 W load
Lead Soldering Temperature (10 sec per pin)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
Case Operating Temperature (Tc)
• –55°C to +125°C full power
Derating Output Power/Current
• Linearly from 40 W at 105°C to 25 W at 125°C to meet
MIL-STD-1275A (AT) and MIL-STD-704A
Capacitance
• 0.017 µF max, any pin to case
Undervoltage lockout
• 7 VDC min, 15 VDC max
Isolation
• 100 megohm minimum at 500 V
• Any pin to case, except case pin
Inhibit Pin Voltage (unit enabled)
• 5.5 V max
MECHANICAL AND ENVIRONMENTAL
Size (maximum)
2.910 x 1.125 x 0.400 inches (73.91 x 28.58 x 10.16 mm)
See case K1 for dimensions.
Weight (maximum)
40 grams typical
Screening
Standard, ES, or 883 (Class H). See “QA Screening: /883 (Class H, QML)” for
more information.
0.068
F
Positive
Input
Input
Common
Positive
Output
Output
Common
FM-704A
3.6
H
6
F
25
3.6
H
6
F
3300
pF
15
3300 pF / 500V
390
H
Inhibit
Oscillator
3300 pF
500V
6600 pF
500V
Case
The case ground connection between the filter and the converter should be as low an impedance as possible
to minimize EMI. Direct contact of baseplate to chassis ground provides the lowest impedance.
FIGURE 1: SCHEMATIC – TYPICAL VALUES
INHIBIT TTL OPEN COLLECTOR
• Logic low (output disabled)
Logic low voltage
≤0.8 V
Logic low inhibit pin current 0.6 mA max
• Referenced to input common
• Logic high (output enabled)
Open collector


Podobny numer części - FM704A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Interpoint Corporation ...
FM704A INTERPOINT-FM704A Datasheet
126Kb / 7P
   EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
More results

Podobny opis - FM704A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Interpoint Corporation ...
FM-704A INTERPOINT-FM-704A_11 Datasheet
1Mb / 9P
   EMI Input Filter and Transient Suppression Module
FM704A INTERPOINT-FM704A Datasheet
126Kb / 7P
   EMI INPUT FILTER AND TRANSIENT SUPPRESSION MODULE, 28 VOLT INPUT
logo
VPT, Inc.
VPTC10-28 VPT-VPTC10-28 Datasheet
576Kb / 9P
   HIGH RELIABILITY COTS EMI FILTER / TRANSIENT PROTECTION MODULE
VPTI10-28 VPT-VPTI10-28 Datasheet
556Kb / 10P
   HIGH RELIABILITY COTS EMI FILTER / TRANSIENT PROTECTION MODULE
logo
List of Unclassifed Man...
DVMN28 ETC-DVMN28 Datasheet
170Kb / 8P
   HIGH RELIABILITY EMI FILTER AND INPUT ATTENUATOR
logo
VPT, Inc.
DVMN28 VPT-DVMN28 Datasheet
207Kb / 8P
   HIGH RELIABILITY EMI FILTER AND INPUT ATTENUATOR
logo
Littelfuse
AN9768 LITTELFUSE-AN9768 Datasheet
131Kb / 8P
   Transient Suppression Devices and Principles
logo
AVX Corporation
VJ12 AVX-VJ12 Datasheet
1Mb / 12P
   Transient Voltage Suppression, ESD Protection Devices & EMI Devices
VC20MA0160KBA AVX-VC20MA0160KBA Datasheet
1Mb / 10P
   Transient Voltage Suppression, ESD Protection Devices & EMI Devices
logo
Interpoint Corporation ...
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
   EMI INPUT FILTER 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com