Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPI4001UG Arkusz danych(PDF) 1 Page - Sparkle Power Inc.

Numer części SPI4001UG
Szczegółowy opis  400 Watts ATX12V/EPS12V 1U Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPI [Sparkle Power Inc.]
Strona internetowa  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI4001UG Arkusz danych(HTML) 1 Page - Sparkle Power Inc.

  SPI4001UG Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.5A
10A
20A
± 5%
50mV P-P
+5V
0.5A
10A
20A
± 5%
50mV P-P
+12V1
1.5A
8A
16A
± 5%
120mV P-P
+12V2
1.5A
8A
16A
± 5%
120mV P-P
-12V
0.0A
0.25A
0.5A
± 10%
120mV P-P
+5Vsb
0.0A
1.25A
2.5A
± 5%
50mV P-P
*+3.3V and +5V total output not exceed 150W
* Total output for this subject power supply is 400W
Input Characteristics
Input Range: 90 ~ 264Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 6.3A (RMS) @ 115Vac, 3A (RMS) @ 230Vac
Inrush Current: No damage.
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: 0°C ~ +50°C on full load;
storage & shipping: -20°C ~ +80°C
Humidity: 85% on operating, 95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for
1 second
Efficiency: typical up to 86%
Rise time: Less than 20ms
Hold-up Time: 20ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 220x100x40.5mm /8.7x3.9x1.6inch
SPI4001UG
(80PLUS, RoHS Compliant)
400 Watts ATX12V/EPS12V 1U Switching Power Supply
Features
Complied with EPS12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
Approved by UL,CSA or CuL 60950-1, TU
,CE, CB report.
V or VDE, EMC,FCC
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395


Podobny numer części - SPI4001UG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sparkle Power Inc.
SPI4002UB SPI-SPI4002UB Datasheet
274Kb / 2P
   400 Watts ATX/EPS12V 2U Switching Power Supply
SPI4002UC SPI-SPI4002UC Datasheet
301Kb / 1P
   400 Watts ATX12V/EPS12V, 2U Switching Power Supply
SPI400A8BB SPI-SPI400A8BB Datasheet
76Kb / 1P
   400 Watts ATX Power Supply
SPI400A8BB24 SPI-SPI400A8BB24 Datasheet
50Kb / 1P
   Complied with ATX12V standard
SPI400ACA8 SPI-SPI400ACA8 Datasheet
591Kb / 1P
   Complied with ATX12V standard
More results

Podobny opis - SPI4001UG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sparkle Power Inc.
FSP400-601UC SPI-FSP400-601UC Datasheet
341Kb / 2P
   400 Watts,ATX12V,EPS12V, 1U Switching Power Supply
FSP400-70MP SPI-FSP400-70MP Datasheet
416Kb / 2P
   400 Watts ATX12V,EPS12V Switching Power Supply
FSP500-80BU SPI-FSP500-80BU Datasheet
302Kb / 2P
   500 Watts,ATX12V,EPS12V, 1U Switching Power Supply
FSP460-621U SPI-FSP460-621U Datasheet
71Kb / 1P
   460 Watts,ATX12V,EPS12V, 1U Switching Power Supply
FSP600-801UK SPI-FSP600-801UK Datasheet
103Kb / 1P
   600 Watts ATX12V/EPS12V,1U Switching Power Supply
SPI600U4BB SPI-SPI600U4BB Datasheet
47Kb / 1P
   600 Watts ATX12V/EPS12V, 1U Switching Power Supply
FSP460-601U SPI-FSP460-601U Datasheet
380Kb / 2P
   460 Watts, ATX12V, EPS12V,1U Switching Power Supply
FSP460-631U SPI-FSP460-631U Datasheet
73Kb / 1P
   460 Watts,ATX12V,EPS12V, 1U Switching Power Supply
SPI700U4BB SPI-SPI700U4BB Datasheet
47Kb / 1P
   700 Watts ATX12V/EPS12V, 1U Switching Power Supply
FSP350-601UC SPI-FSP350-601UC Datasheet
406Kb / 2P
   350 Watts,ATX12V, EPS12V, 1U Switching Power Supply
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com