Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N5039 Arkusz danych(PDF) 2 Page - Savantic, Inc.

Numer części 2N5039
Szczegółowy opis  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N5039 Arkusz danych(HTML) 2 Page - Savantic, Inc.

  2N5039 Datasheet HTML 1Page - Savantic, Inc. 2N5039 Datasheet HTML 2Page - Savantic, Inc. 2N5039 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N5038 2N5039
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
2N5038
90
VCEO(SUS)
Collector-emitter
sustaining voltage
2N5039
IC=0.2A ;IB=0
75
V
2N5038
IC=12A ;IB=1.2A
VCEsat-1
Collector-emitter
saturation voltage
2N5039
IC=10A ;IB=1A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=20A ;IB=5A
2.5
V
VBEsat
Base-emitter saturation voltage
IC=20A ;IB=5A
3.3
V
2N5038
IC=12A ; VCE=5V
VBE
Base-emitter on voltage
2N5039
IC=10A ; VCE=5V
1.8
V
2N5038
VCE=70V; IB=0
ICEO
Collector cut-off current
2N5039
VCE=55V; IB=0
20
mA
2N5038
VCE=140V; VBE=-1.5V
VCE=100V; VBE=-1.5V ;TC=150
5.0
10
ICEX
Collector cut-off current
2N5039
VCE=110V; VBE=-1.5V
VCE=85V; VBE=-1.5V TC=150
5.0
10
mA
2N5038
5
IEBO
Emitter cut-off current
2N5039
VEB=5V; IC=0
15
mA
hFE-1
DC current gain
IC=2A ; VCE=5V
50
250
2N5038
IC=12A ; VCE=5V
hFE-2
DC current gain
2N5039
IC=10A ; VCE=5V
20
100
Is/b
Second breakdown collector current
VCE=28V,
VCE=45V(t=1.0s Nonrepetitive)
5
0.9
A
Switching times
tr
Rise time
0.5
µs
ts
Storage time
1.5
µs
tf
Fall time
For 2N5038
IC=12A ;IB1=- IB2=1.2A ;VCC=30V
For 2N5039
IC=10A ;IB1=- IB2=1A ;Vcc=30V
0.5
µs


Podobny numer części - 2N5039

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
2N5039 MOSPEC-2N5039 Datasheet
89Kb / 2P
   POWER TRANSISTORS(20A,140W)
logo
ON Semiconductor
2N5039 ONSEMI-2N5039 Datasheet
124Kb / 4P
   NPN SILICON POWER TRANSISTORS
REV 7
logo
Boca Semiconductor Corp...
2N5039 BOCA-2N5039 Datasheet
95Kb / 2P
   NPN SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N5039 MICROSEMI-2N5039 Datasheet
55Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR
logo
GE Solid State
2N5039 GESS-2N5039 Datasheet
351Kb / 7P
   HIGH-CURRENT, HIGH-POWER HIGH-SPEED SILICON N-P-N PLANAR TRANSISTORS
More results

Podobny opis - 2N5039

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com