Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP33B Arkusz danych(PDF) 2 Page - Savantic, Inc.

Numer części TIP33B
Szczegółowy opis  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP33B Arkusz danych(HTML) 2 Page - Savantic, Inc.

  TIP33B Datasheet HTML 1Page - Savantic, Inc. TIP33B Datasheet HTML 2Page - Savantic, Inc. TIP33B Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
TIP33/33A/33B/33C
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP33
40
TIP33A
60
TIP33B
80
VCEO(SUS)
Collector-emitter
sustaining voltage
TIP33C
IC=30mA ;IB=0
100
V
VCE(sat)-1
Collector-emitter saturation voltage
IC=3A ;IB=0.3A
1.0
V
VCE(sat)-2
Collector-emitter saturation voltage
IC=10A; IB=2.5A
4.0
V
VBE-1
Base-emitter on voltage
IC=3A ; VCE=4V
1.6
V
VBE-2
Base-emitter on voltage
IC=10A ; VCE=4V
3.0
V
TIP33/33A
VCE=30V; IB=0
ICEO
Collector
cut-off current
TIP33B/33C
VCE=60V; IB=0
0.7
mA
TIP33
VCE=40V;VEB=0
TIP33A
VCE=60V;VEB=0
TIP33B
VCE=80V;VEB=0
ICES
Collector
cut-off current
TIP33C
VCE=100V;VEB=0
0.4
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1.0
mA
hFE-1
DC current gain
IC=1A ; VCE=4V
40
hFE-2
DC current gain
IC=3A ; VCE=4V
20
100
fT
Transition frequency
IC=0.5A ; VCE=10V;f=1MHz
3.0
MHz


Podobny numer części - TIP33B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP33B MOSPEC-TIP33B Datasheet
144Kb / 3P
   POWER TRANSISTORS(10A,40-100V,80W)
logo
Motorola, Inc
TIP33B MOTOROLA-TIP33B Datasheet
105Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP33B POINN-TIP33B Datasheet
91Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIP33B TI-TIP33B Datasheet
584Kb / 6P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
More results

Podobny opis - TIP33B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com