Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP35C Arkusz danych(PDF) 1 Page - Savantic, Inc.

Numer części TIP35C
Szczegółowy opis  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP35C Arkusz danych(HTML) 1 Page - Savantic, Inc.

  TIP35C Datasheet HTML 1Page - Savantic, Inc. TIP35C Datasheet HTML 2Page - Savantic, Inc. TIP35C Datasheet HTML 3Page - Savantic, Inc. TIP35C Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
TIP35/35A/35B/35C
DESCRIPTION
·With TO-3PN package
·Complement to type TIP36/36A/36B/36C
·DC current gain hFE=25(Min)@IC=1.5A
APPLICATIONS
·Designed for use in general purpose
power amplifier and switching applications.
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
ABSOLUTE MAXIMUM RATINGS (TC= )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
TIP35
40
TIP35A
60
TIP35B
80
VCBO
Collector-base voltage
TIP35C
Open emitter
100
V
TIP35
40
TIP35A
60
TIP35B
80
VCEO
Collector-emitter voltage
TIP35C
Open base
100
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
25
A
ICM
Collector current-peak
40
A
IB
Base current
5
A
PC
Collector power dissipation
TC=25
125
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.0
/W
Fig.1 simplified outline (TO-3PN) and symbol


Podobny numer części - TIP35C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP35C MOSPEC-TIP35C Datasheet
154Kb / 3P
   POWER TRANSISTORS(25A,40-100V,125W)
logo
Inchange Semiconductor ...
TIP35C ISC-TIP35C Datasheet
174Kb / 4P
   Silicon NPN Power Transistors
logo
Foshan Blue Rocket Elec...
TIP35C FOSHAN-TIP35C Datasheet
852Kb / 6P
   Silicon NPN transistor in a TO-3P Plastic Package.
logo
Motorola, Inc
TIP35C MOTOROLA-TIP35C Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Tiger Electronic Co.,Lt...
TIP35C TGS-TIP35C Datasheet
91Kb / 1P
   Complementary Silicon High Power Ttransistors
More results

Podobny opis - TIP35C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com