Zakładka z wyszukiwarką danych komponentów |
|
TIP150 Arkusz danych(PDF) 1 Page - Savantic, Inc. |
|
TIP150 Arkusz danych(HTML) 1 Page - Savantic, Inc. |
1 / 3 page SavantIC Semiconductor Product Specification Silicon NPN Power Transistors TIP150/151/152 DESCRIPTION ·With TO-220C package ·DARLINGTON APPLICATIONS ·For use in automotive ignition,switching and motor control applications PINNING PIN DESCRIPTION 1 Base 2 Collector;connected to mounting base 3 Emitter ABSOLUTE MAXIMUM RATINGS(Tc=25 ) SYMBOL PARAMETER CONDITIONS VALUE UNIT TIP150 300 TIP151 350 VCBO Collector-base voltage TIP152 Open emitter 400 V TIP150 300 TIP151 350 VCEO Collector-emitter voltage TIP152 Open base 400 V VEBO Emitter-base voltage Open collector 8 V IC Collector current-DC 7 A ICM Collector current-Pulse 10 A IB Base current-DC 1.5 A PC Collector power dissipation TC=25 80 W Tj Junction temperature 150 Tstg Storage temperature -65~150 THERMAL CHARACTERISTICS SYMBOL PARAMETER VALUE UNIT Rth j-c Thermal resistance junction to case 1.56 /W |
Podobny numer części - TIP150 |
|
Podobny opis - TIP150 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |