Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD176 Arkusz danych(PDF) 1 Page - Savantic, Inc.

Numer części BD176
Szczegółowy opis  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BD176 Arkusz danych(HTML) 1 Page - Savantic, Inc.

  BD176 Datasheet HTML 1Page - Savantic, Inc. BD176 Datasheet HTML 2Page - Savantic, Inc. BD176 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
BD176 BD178 BD180
DESCRIPTION
With TO-126 package
·Complement to type BD175 /177 /179
APPLICATIONS
·For medium power linear and
switching applications
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings (Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BD176
-45
BD178
-60
VCBO
Collector-base voltage
BD180
Open emitter
-80
V
BD176
-45
BD178
-60
VCEO
Collector-emitter voltage
BD180
Open base
-80
V
VEBO
Emitter -base voltage
Open collector
-5
V
IC
Collector current (DC)
-3
A
ICM
Collector current-Peak
-7
A
PC
Collector power dissipation
TC=25
30
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~150


Podobny numer części - BD176

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BD176 FAIRCHILD-BD176 Datasheet
40Kb / 4P
   Medium Power Linear and Switching Applications
logo
Inchange Semiconductor ...
BD176 ISC-BD176 Datasheet
137Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
BD176 SAVANTIC-BD176 Datasheet
108Kb / 3P
   Silicon NPN Power Transistors
logo
Continental Device Indi...
BD176 CDIL-BD176 Datasheet
222Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
BD176PNP CDIL-BD176PNP Datasheet
222Kb / 3P
   EPITAXIAL SILICON POWER TRANSISTORS
More results

Podobny opis - BD176

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com