Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD244B Arkusz danych(PDF) 2 Page - Savantic, Inc.

Numer części BD244B
Szczegółowy opis  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BD244B Arkusz danych(HTML) 2 Page - Savantic, Inc.

  BD244B Datasheet HTML 1Page - Savantic, Inc. BD244B Datasheet HTML 2Page - Savantic, Inc. BD244B Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BD244/A/B/C
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD244
-45
BD244A
-60
BD244B
-80
VCEO(SUS)
Collector-emitter
sustaining voltage
BD244C
IC=-30mA; IB=0
-100
V
VCEsat
Collector-emitter saturation voltage
IC=-6A;IB=-1 A
-1.5
V
VBE
Base-emitter on voltage
IC=-6A ; VCE=-4V
-2.0
V
BD244/A
VCE=-30V; IB=0
ICEO
Collector cut-off current
BD244B/C
VCE=-60V; IB=0
-0.7
mA
BD244
VCE=-45V; VBE=0
BD244A
VCE=-60V; VBE=0
BD244B
VCE=-80V; VBE=0
ICES
Collector cut-off current
BD244C
VCE=-100V; VBE=0
-0.4
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
1
mA
hFE-1
DC current gain
IC=-0.3A ; VCE=-4V
30
hFE-2
DC current gain
IC=-3A ; VCE=-4V
15


Podobny numer części - BD244B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BD244B MOSPEC-BD244B Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
logo
Comset Semiconductor
BD244B COMSET-BD244B Datasheet
91Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Motorola, Inc
BD244B MOTOROLA-BD244B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD244B ONSEMI-BD244B Datasheet
147Kb / 6P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 13
BD244B ONSEMI-BD244B Datasheet
140Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 7
More results

Podobny opis - BD244B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com