Zakładka z wyszukiwarką danych komponentów |
|
CD74HCT153 Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
CD74HCT153 Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 6 page 5 E to Y tPLH, tPHL CL = 50pF 2 - 120 - 150 - 180 ns 4.5 - 24 - 30 - 36 ns CL =15pF 5 - 9 - - - - - ns CL = 50pF 6 - - 20 - 26 - 31 ns Output Transition Time (Figure 1) tTLH,tTHL CL = 50pF 2 - - 75 - 95 - 110 ns 4.5 - - 15 - 19 - 22 ns 6 - - 13 - 16 - 19 ns Input Capacitance CIN - - - - 10 - 10 - 10 pF Power Dissipation Capacitance (Notes 4, 5) CPD -5 - 45 - - - - - pF HCT TYPES Propagation Delay (Figure 2) tPLH, tPHL S to Y CL = 50pF 4.5 - - 34 - 43 - 51 ns CL =15pF 5 - 14 - - - - ns I to Y tPLH, tPHL CL = 50pF 4.5 - - 24 - 30 - 36 ns CL =15pF 5 - 9 - - - - - ns I to Y tPLH, tPHL CL = 50pF 4.5 - 34 - 43 - 51 ns CL =15pF 5 - 14 - - - - - ns E to Y tPLH, tPHL CL = 50pF 4.5 - - 27 - 34 - 41 ns CL =15pF 5 - 11 - - - - ns Output Transition Time tTLH,tTHL CL = 50pF 4.5 - - 15 - 19 - 22 ns Input Capacitance CIN - - - - 10 - 10 - 10 pF Power Dissipation Capacitance (Notes 4, 5) CPD -5 - 45 - - - - - pF NOTES: 4. CPD is used to determine the dynamic power consumption, per multiplexer. 5. PD = VCC 2 f i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage. Switching Specifications Input tr, tf = 6ns (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX Test Circuit and Waveform FIGURE 1. PROPAGATION DELAY TIMES tr = 6ns E I OR S OUTPUT Y tPLH tf = 6ns 90% VS 10% VS tPHL CD74HC153, CD74HCT153 |
Podobny numer części - CD74HCT153 |
|
Podobny opis - CD74HCT153 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |