Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW83 Arkusz danych(PDF) 1 Page - Savantic, Inc.

Numer części BDW83
Szczegółowy opis  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BDW83 Arkusz danych(HTML) 1 Page - Savantic, Inc.

  BDW83 Datasheet HTML 1Page - Savantic, Inc. BDW83 Datasheet HTML 2Page - Savantic, Inc. BDW83 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BDW83/83A/83B/83C/83D
DESCRIPTION
·With TO-3PN package
·Complement to type BDW84/84A/84B/84C/84D
·DARLINGTON
·High DC current gain
APPLICATIONS
·For use in power linear and switching
applications.
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings(Tc=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BDW83
45
BDW83A
60
BDW83B
80
BDW83C
100
VCBO
Collector-base voltage
BDW83D
Open emitter
120
V
BDW83
45
BDW83A
60
BDW83B
80
BDW83C
100
VCEO
Collector-emitter voltage
BDW83D
Open base
120
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
15
A
IB
Base current
0.5
A
TC=25
150
PC
Collector power dissipation
Ta=25
3.5
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~150
Fig.1 simplified outline (TO-3PN) and symbol


Podobny numer części - BDW83

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BDW83 POINN-BDW83 Datasheet
182Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW83 BOURNS-BDW83 Datasheet
120Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BDW83 ISC-BDW83 Datasheet
136Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDW83 COMSET-BDW83 Datasheet
121Kb / 3P
   NPN SILICON DARLINGTONS POWER TRANSISTORS
logo
Bourns Electronic Solut...
BDW83 BOURNS-BDW83 Datasheet
282Kb / 5P
   NPN SILICON POWER DARLINGTONS
More results

Podobny opis - BDW83

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com