Zakładka z wyszukiwarką danych komponentów |
|
TIP29B Arkusz danych(PDF) 1 Page - Savantic, Inc. |
|
TIP29B Arkusz danych(HTML) 1 Page - Savantic, Inc. |
1 / 3 page SavantIC Semiconductor Product Specification Silicon NPN Power Transistors TIP29/29A/29B/29C DESCRIPTION ·With TO-220C package ·Complement to type TIP30/30A/30B/30C APPLICATIONS ·For use in general purpose power amplifier and switching applications PINNING PIN DESCRIPTION 1 Base 2 Collector;connected to mounting base 3 Emitter ABSOLUTE MAXIMUM RATINGS(Tc=25 ) SYMBOL PARAMETER CONDITIONS VALUE UNIT TIP29 40 TIP29A 60 TIP29B 80 VCBO Collector-base voltage TIP29C Open emitter 100 V TIP29 40 TIP29A 60 TIP29B 80 VCEO Collector-emitter voltage TIP29C Open base 100 V VEBO Emitter-base voltage Open collector 5 V IC Collector current (DC) 1 A ICM Collector current-Pulse 3 A IB Base current 0.4 A PC Collector power dissipation TC=25 30 w Tj Junction temperature -65~150 Tstg Storage temperature -65~150 |
Podobny numer części - TIP29B |
|
Podobny opis - TIP29B |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |