Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1163A Arkusz danych(PDF) 2 Page - Savantic, Inc.

Numer części 2SD1163A
Szczegółowy opis  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SD1163A Arkusz danych(HTML) 2 Page - Savantic, Inc.

  2SD1163A Datasheet HTML 1Page - Savantic, Inc. 2SD1163A Datasheet HTML 2Page - Savantic, Inc. 2SD1163A Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SD1163,2SD1163A
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
2SD1163
120
V(BR)CEO
Collector-emitter
breakdown voltage
2SD1163A
IC=10mA ;RBE=:
150
V
V(BR)EBO
Emitter-base breakdown voltage
IE=10mA ;IC=0
6
V
2SD1163
2.0
VCEsat
Collector-emitter
saturation voltage
2SD1163A
IC=5A, IB=0.5A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=5A, IB=0.5A
1.2
V
2SD1163
VCB=300V;IE=0
5
mA
ICBO
Collector
cut-offcurrent
2SD1163A
VCB=350V;IE=0
5
mA
hFE
DC current gain
IC=5A ; VCE=5V
25
Switching times
tf
Fall time
ICM=3.5A;IB1 =0.45A
0.5
µs


Podobny numer części - 2SD1163A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
2SD1163A HITACHI-2SD1163A Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
logo
List of Unclassifed Man...
2SD1163A ETC1-2SD1163A Datasheet
55Kb / 2P
   Power Bipolar Transistors
logo
Renesas Technology Corp
2SD1163A RENESAS-2SD1163A Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
logo
Thinki Semiconductor Co...
2SD1163A THINKISEMI-2SD1163A Datasheet
399Kb / 2P
   NPN Silicon Epitaxial Power Transistor
logo
Savantic, Inc.
2SD1163A SAVANTIC-2SD1163A Datasheet
99Kb / 3P
   Silicon NPN Power Transistors
More results

Podobny opis - 2SD1163A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com