Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC3691 Arkusz danych(PDF) 2 Page - Savantic, Inc.

Numer części 2SC3691
Szczegółowy opis  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC3691 Arkusz danych(HTML) 2 Page - Savantic, Inc.

  2SC3691 Datasheet HTML 1Page - Savantic, Inc. 2SC3691 Datasheet HTML 2Page - Savantic, Inc. 2SC3691 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC3691
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=3A; IB=0.3A,L=1mH
60
V
VCEsat-1
Collector-emitter saturation voltage
IC=3A; IB=0.15 A
0.3
V
VCEsat-2
Collector-emitter saturation voltage
IC=4A; IB=0.2A
0.5
V
VBEsat-1
Base-emitter saturation voltage
IC=3A; IB=0.15 A
1.2
V
VBEsat-2
Base-emitter saturation voltage
IC=4A; IB=0.2A
1.5
V
ICBO
Collector cut-off current
VCB=60V; IE=0
10
µA
ICEX
Collector cut-off current
VCE=60V; VBE=-1.5V
Ta=125
10
1.0
µA
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
µA
hFE-1
DC current gain
IC=0.5A ; VCE=2V
100
hFE-2
DC current gain
IC=1A ; VCE=2V
100
200
400
hFE-3
DC current gain
IC=3A ; VCE=2V
60
COB
Output capacitance
IE=0; VCB=10V;f=1MHz
70
pF
fT
Transition frequency
IC=0.5A ; VCE=10V
150
MHz
Switching times
ton
Turn-on time
0.3
µs
ts
Storage time
1.5
µs
tf
Fall time
IC=3A;RL=17B
IB1=-IB2=0.15A
VCCC50V
0.3
µs
hFE-2 classifications
M
L
K
100-200
150-300
200-400


Podobny numer części - 2SC3691

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
2SC3691 ETC-2SC3691 Datasheet
27Kb / 1P
   Silicon NPN Transistors
logo
Inchange Semiconductor ...
2SC3691 ISC-2SC3691 Datasheet
194Kb / 3P
   isc Silicon NPN Power Transistor
logo
Quanzhou Jinmei Electro...
2SC3691 JMNIC-2SC3691 Datasheet
309Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3691 SAVANTIC-2SC3691 Datasheet
127Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3691 JMNIC-2SC3691_15 Datasheet
309Kb / 3P
   Silicon NPN Power Transistors
More results

Podobny opis - 2SC3691

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com