Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD2029 Arkusz danych(PDF) 2 Page - Savantic, Inc.

Numer części 2SD2029
Szczegółowy opis  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SD2029 Arkusz danych(HTML) 2 Page - Savantic, Inc.

  2SD2029 Datasheet HTML 1Page - Savantic, Inc. 2SD2029 Datasheet HTML 2Page - Savantic, Inc. 2SD2029 Datasheet HTML 3Page - Savantic, Inc. 2SD2029 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SD2029
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=50mA ;IB=0
160
V
VCEsat
Collector-emitter saturation voltage
IC=8A ;IB=0.8A
2.0
V
VBE
Base-emitter voltage
IC=8A ; VCE=5V
1.8
V
ICBO
Collector cut-off current
VCB=160V; IE=0
50
µA
IEBO
Emitter cut-off current
VEB=3V; IC=0
50
µA
hFE-1
DC current gain
IC=20mA ; VCE=5V
20
hFE-2
DC current gain
IC=1A ; VCE=5V
60
200
hFE-3
DC current gain
IC=8A ; VCE=5V
20
fT
Transition frequency
IC=0.5A ; VCE=5V;f=1MHz
20
MHz
COB
Collector output capacitance
IE=0;f=1MHz;VCB=10V
210
pF
hFE-2 classifications
Q
S
P
60-120
80-160
100-200


Podobny numer części - 2SD2029

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
2SD2029 PANASONIC-2SD2029 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For high power amplification)
logo
Inchange Semiconductor ...
2SD2029 ISC-2SD2029 Datasheet
158Kb / 4P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SD2029 NJSEMI-2SD2029 Datasheet
136Kb / 1P
   Silicon NPN triple diffusion planar type
logo
Savantic, Inc.
2SD2029 SAVANTIC-2SD2029 Datasheet
208Kb / 4P
   Silicon NPN Power Transistors
More results

Podobny opis - 2SD2029

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com