Zakładka z wyszukiwarką danych komponentów |
|
LM337Y Arkusz danych(PDF) 7 Page - Texas Instruments |
|
LM337Y Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 10 page MECHANICAL DATA MPFM001E – OCTOBER 1994 – REVISED JANUARY 2001 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 KTE (R-PSFM-G3) PowerFLEX ™ PLASTIC FLANGE-MOUNT 0.360 (9,14) 0.350 (8,89) 0.080 (2,03) 0.070 (1,78) 0.010 (0,25) NOM 0.040 (1,02) Seating Plane 0.050 (1,27) 0.001 (0,03) 0.005 (0,13) 0.010 (0,25) NOM Gage Plane 0.010 (0,25) 0.031 (0,79) 0.041 (1,04) 4073375/F 12/00 NOM 3 1 0.350 (8,89) 0.220 (5,59) 0.360 (9,14) 0.295 (7,49) NOM 0.320 (8,13) 0.310 (7,87) 0.025 (0,63) 0.031 (0,79) Thermal Tab (See Note C) 0.004 (0,10) M 0.010 (0,25) 0.100 (2,54) 3 °–6° 0.410 (10,41) 0.420 (10,67) 0.200 (5,08) 0.365 (9,27) 0.375 (9,52) NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. The center lead is in electrical contact with the thermal tab. D. Dimensions do not include mold protrusions, not to exceed 0.006 (0,15). E. Falls within JEDEC MO-169 PowerFLEX is a trademark of Texas Instruments. |
Podobny numer części - LM337Y |
|
Podobny opis - LM337Y |