Zakładka z wyszukiwarką danych komponentów |
|
BDW51C Arkusz danych(PDF) 1 Page - Savantic, Inc. |
|
BDW51C Arkusz danych(HTML) 1 Page - Savantic, Inc. |
1 / 3 page SavantIC Semiconductor Product Specification Silicon NPN Power Transistors BDW51C DESCRIPTION ·With TO-3 package ·Complement to type BDW52C ·Excellent safe operating area APPLICATIONS ·For use in power linear and switching applications PINNING(see Fig.2) PIN DESCRIPTION 1 Base 2 Emitter 3 Collector Absolute maximum ratings(Ta= ) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter 100 V VCEO Collector-emitter voltage Open base 100 V VEBO Emitter-base voltage Open collector 5 V IC Collector current 15 A ICM Collector current-peak 20 A IB Base current 7 A PC Collector power dissipation TC=25 125 W Tj Junction temperature 200 Tstg Storage temperature -65~200 THERMAL CHARACTERISTICS SYMBOL PARAMETER MAX UNIT Rth j-c Thermal resistance junction to case 1.4 /W Fig.1 simplified outline (TO-3) and symbol |
Podobny numer części - BDW51C |
|
Podobny opis - BDW51C |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |