Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDX77 Arkusz danych(PDF) 2 Page - Savantic, Inc.

Numer części BDX77
Szczegółowy opis  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BDX77 Arkusz danych(HTML) 2 Page - Savantic, Inc.

  BDX77 Datasheet HTML 1Page - Savantic, Inc. BDX77 Datasheet HTML 2Page - Savantic, Inc. BDX77 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BDX77
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=0.2A ;IB=0
80
V
V(BR)CBO
Collector-base breakdown voltage
IC=1mA ; IE=0
100
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA ; IC=0
5
V
VCEsat-1
Collector-emitter saturation voltage
IC=3A; IB=0.3A
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=6A; IB=0.6A
1.5
V
VBEsat
Base-emitter saturation voltage
IC=6A; IB=0.6A
2.0
V
ICEO
Collector cut-off current
VCE=30V ;IB=0;
0.2
mA
ICBO
Collector cut-off current
VCB=40V ;IE=0;Tj=150
1.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
0.5
mA
hFE
DC current gain
IC=1A ; VCE=2V
30
fT
Transition frequency
IC=0.3A ; VCE=3V
7.0
MHz
VBE
Base-emitter on voltage
IC=3A;VCE=2V
1.5
V
Switching times
ton
Turn-on time
1.0
µs
toff
Turn-off time
IC=2A
IB1=-IB2=0.2A;
4.0
µs


Podobny numer części - BDX77

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Continental Device Indi...
BDX77 CDIL-BDX77 Datasheet
54Kb / 2P
   Medium Power Switching and Amplifier Applications
logo
Inchange Semiconductor ...
BDX77 ISC-BDX77 Datasheet
133Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BDX77 SAVANTIC-BDX77 Datasheet
94Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BDX77 NJSEMI-BDX77 Datasheet
139Kb / 2P
   Silicon NPN Power Transistor
logo
Inchange Semiconductor ...
BDX77F ISC-BDX77F Datasheet
105Kb / 2P
   isc Silicon NPN Power Transistor
More results

Podobny opis - BDX77

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com