Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDX88C Arkusz danych(PDF) 2 Page - Savantic, Inc.

Numer części BDX88C
Szczegółowy opis  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BDX88C Arkusz danych(HTML) 2 Page - Savantic, Inc.

  BDX88C Datasheet HTML 1Page - Savantic, Inc. BDX88C Datasheet HTML 2Page - Savantic, Inc. BDX88C Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BDX88C
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=-0.1A ; IB=0
-100
V
VCEsat-1
Collector-emitter saturation voltage
IC=-6A ;IB=-24mA
-2.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=-12A ;IB=-120mA
-3.0
V
VBEsat
Base-emitter saturation voltage
IC=-12A ;IB=-120mA
-4.0
V
VBE
Base-emitter on voltage
IC=-6A ; VCE=-3V
-2.8
V
hFE-1
DC current gain
IC=-5A ; VCE=-3V
1000
hFE-2
DC current gain
IC=-6A ; VCE=-3V
750
18000
hFE-3
DC current gain
IC=-12A ; VCE=-3V
100
ICBO
Collector cut-off current
VCB=-100V; IE=0
TC=150
-0.5
-5.0
mA
ICEO
Collector cut-off current
VCE=-50V; IB=0
-1.0
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-1.0
mA
VF-1
Diode forward voltage
IF=-3A
-1.8
V
VF-2
Diode forward voltage
IF=-8A
-2.5
V


Podobny numer części - BDX88C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
BDX88C CENTRAL-BDX88C Datasheet
53Kb / 1P
   Power Transistors
logo
STMicroelectronics
BDX88C STMICROELECTRONICS-BDX88C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Inchange Semiconductor ...
BDX88C ISC-BDX88C Datasheet
130Kb / 3P
   Silicon PNP Power Transistors
BDX88C ISC-BDX88C Datasheet
230Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
Savantic, Inc.
BDX88C SAVANTIC-BDX88C Datasheet
112Kb / 3P
   Silicon PNP Power Transistors
More results

Podobny opis - BDX88C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com