Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP2955 Arkusz danych(PDF) 2 Page - Savantic, Inc.

Numer części TIP2955
Szczegółowy opis  Silicon PNP Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP2955 Arkusz danych(HTML) 2 Page - Savantic, Inc.

  TIP2955 Datasheet HTML 1Page - Savantic, Inc. TIP2955 Datasheet HTML 2Page - Savantic, Inc. TIP2955 Datasheet HTML 3Page - Savantic, Inc. TIP2955 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
TIP2955
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=-30mA ;IB=0
-60
V
VCE(sat)-1
Collector-emitter saturation voltage
IC=-4A ;IB=-0.4A
-1.1
V
VCE(sat)-2
Collector-emitter saturation voltage
IC=-10A ;IB=-3.3A
-3.0
V
VBE
Base-emitter on voltage
IC=-4A ; VCE=-4V
-1.5
V
ICEO
Collector cut-off current
VCE=-30V; IB=0
-0.7
mA
ICER
Collector cut-off current
VCE=-70Vdc;RBE=100Ohm
-1.0
mA
ICEV
Collector cut-off current
VCE=-100Vdc,VBE(off)=-1.5Vdc
-5.0
mA
IEBO
Emitter cut-off current
VEB=-7V; IC=0
-5.0
mA
hFE-1
DC current gain
IC=-4A ; VCE=-4V
20
70
hFE-2
DC current gain
IC=-10A ; VCE=-4V
5.0
Is/b
Second breakdown collector current
with base forward biased
VCE=-30Vdc,t=1.0s,
Nonrepetitive
3.0
A
fT
Transition frequency
IC=-0.5A ; VCE=-10V
2.5
MHz


Podobny numer części - TIP2955

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP2955 MOSPEC-TIP2955 Datasheet
107Kb / 3P
   POWER TRANSISTORS(15A,60V,90W)
logo
ON Semiconductor
TIP2955 ONSEMI-TIP2955 Datasheet
114Kb / 6P
   Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Motorola, Inc
TIP2955 MOTOROLA-TIP2955 Datasheet
104Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
logo
New Jersey Semi-Conduct...
TIP2955 NJSEMI-TIP2955 Datasheet
95Kb / 2P
   Silicon PNP Power Transistor
logo
ON Semiconductor
TIP2955 ONSEMI-TIP2955 Datasheet
101Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1996 REV 1
More results

Podobny opis - TIP2955

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com