Zakładka z wyszukiwarką danych komponentów |
|
TIP3055 Arkusz danych(PDF) 1 Page - Savantic, Inc. |
|
TIP3055 Arkusz danych(HTML) 1 Page - Savantic, Inc. |
1 / 4 page SavantIC Semiconductor Product Specification Silicon NPN Power Transistors TIP3055 DESCRIPTION ·With TO-3PN package ·Complement to type TIP2955 ·90 W at 25°C case temperature ·15 A continuous collector current APPLICATIONS ·Designed for general–purpose switching and amplifier applications. PINNING PIN DESCRIPTION 1 Base 2 Collector;connected to mounting base 3 Emitter ABSOLUTE MAXIMUM RATINGS(Tc=25 ) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter 100 V VCEO Collector-emitter voltage Open base 60 V VEBO Emitter-base voltage Open collector 7 V IC Collector current 15 A IB Base current 7 A PC Collector power dissipation TC=25 90 W Tj Junction temperature 150 Tstg Storage temperature -65~150 THERMAL CHARACTERISTICS SYMBOL PARAMETER VALUE UNIT Rth j-c Thermal resistance junction to case 1.39 /W Fig.1 simplified outline (TO-3PN) and symbol |
Podobny numer części - TIP3055 |
|
Podobny opis - TIP3055 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |