Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP3055 Arkusz danych(PDF) 2 Page - Savantic, Inc.

Numer części TIP3055
Szczegółowy opis  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP3055 Arkusz danych(HTML) 2 Page - Savantic, Inc.

  TIP3055 Datasheet HTML 1Page - Savantic, Inc. TIP3055 Datasheet HTML 2Page - Savantic, Inc. TIP3055 Datasheet HTML 3Page - Savantic, Inc. TIP3055 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
TIP3055
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=30mA ;IB=0
60
V
VCE(sat)-1
Collector-emitter saturation voltage
IC=4A; IB=0.4A
1.1
V
VCE(sat)-2
Collector-emitter saturation voltage
IC=10A ;IB=3.3A
3.0
V
VBE
Base-emitter on voltage
IC=4A ; VCE=4V
1.5
V
ICEO
Collector cut-off current
VCE=30V; IB=0
0.7
mA
ICER
Collector cut-off current
VCE=70Vdc;RBE=100Ohm
1.0
mA
ICEV
Collector cut-off current
VCE=100Vdc,VBE(off)=1.5Vdc
5.0
mA
IEBO
Emitter cut-off current
VEB=7V; IC=0
5.0
mA
hFE-1
DC current gain
IC=4A ; VCE=4V
20
70
hFE-2
DC current gain
IC=10A ; VCE=4V
5.0
Is/b
Second breakdown collector current
with base forward biased
VCE=30Vdc,t=1.0s,
Nonrepetitive
3.0
A
fT
Transition frequency
IC=0.5A ; VCE=10V
2.5
MHz


Podobny numer części - TIP3055

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP3055 MOSPEC-TIP3055 Datasheet
107Kb / 3P
   POWER TRANSISTORS(15A,60V,90W)
logo
ON Semiconductor
TIP3055 ONSEMI-TIP3055 Datasheet
114Kb / 6P
   Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Motorola, Inc
TIP3055 MOTOROLA-TIP3055 Datasheet
104Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
logo
New Jersey Semi-Conduct...
TIP3055 NJSEMI-TIP3055 Datasheet
95Kb / 2P
   Silicon NPN Power Transistor
logo
ON Semiconductor
TIP3055 ONSEMI-TIP3055 Datasheet
101Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1996 REV 1
More results

Podobny opis - TIP3055

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com