Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2W06G Arkusz danych(PDF) 2 Page - MIC GROUP RECTIFIERS

Numer części 2W06G
Szczegółowy opis  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIC [MIC GROUP RECTIFIERS]
Strona internetowa  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

2W06G Arkusz danych(HTML) 2 Page - MIC GROUP RECTIFIERS

  2W06G Datasheet HTML 1Page - MIC GROUP RECTIFIERS 2W06G Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
2W005G THRU 2W10G
RATINGS AND CHARACTERISTICS CURVES 2W005G THRU 2W10G
t, HEATING TIME, sec.
REVERSE VOLTAGE,VOLTS
VOLTAGE, %
PERCENT OF RATED PEAK REVERSE
VOLTS
INSTANTANEOUS FORWARD VOLTAGE,
AMBIENT TEMPERATURE, ℃
FIG .6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
PER LEG
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PER LEG
FIG. 3 - TYPICAL FORWARD CHARACTERISTICS
FORWARD SURGE CURRENT PER LEG
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FIG. 1 - DERATING CURVE OUTPUT
1.0 CYCLE
P.C.B.
Vsig=50mVp-p
f=1.0 MHz
J
T =25℃
1% DUTY CYCLE
PULSE WIDTH=300μs
T =25℃
A
J
T =100℃
J
T =125℃
T =25℃
J
(
JEDEC Method)
SINGLE SINE-WAVE
A
T =25℃
(
PER LEG) 20
Ipk/I(AV)10
LOADS 5.0
CAPACITIVE
(
9.5mm)
0.375"
(
5.5×5.5mm)
0.22×0.22"
COPPER PADS
INDUCTIVE LOAD
RESISTIVE OR
60 Hz
100
10
1
0.1
0.01
0.1
1
10
100
100
10
1
0.1
1
10
100
100
80
60
40
20
0
0.01
0.1
1
10
100
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.01
0.1
1
10
20
100
10
1
0
10
20
30
40
50
60
150
125
100
75
50
25
0
0
0.4
0.8
1.2
1.6
2.4
2.0
NUMBER OF CYCLES AT 60 Hz


Podobny numer części - 2W06G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zowie Technology Corpor...
2W06G ZOWIE-2W06G Datasheet
47Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
2W06G VISHAY-2W06G Datasheet
98Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
Jinan Gude Electronic D...
2W06G JGD-2W06G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
2W06G SECOS-2W06G Datasheet
136Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
logo
Fairchild Semiconductor
2W06G FAIRCHILD-2W06G Datasheet
30Kb / 3P
   2.0 Ampere Glass Passivated Bridge Rectifiers
More results

Podobny opis - 2W06G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com