Zakładka z wyszukiwarką danych komponentów |
|
SM5520MEW Arkusz danych(PDF) 2 Page - Pletronics, Inc. |
|
SM5520MEW Arkusz danych(HTML) 2 Page - Pletronics, Inc. |
2 / 8 page SM55M Series 2.5 V CMOS Clock Oscillators June 2007 www.pletronics.com 425-776-1880 2 Part Number: SM55 45 M E W - 75.0M -XX Packaging code or blank T250 = 250 per Tape and Reel T500 = 500 per Tape and Reel T1K = 1000 per Tape and Reel Part Marking: PFF.FFF M C YMDxx or PFF.FFF M C YYWWxx or PLE SM55 FF.FFF M CYMDxx or P5xYWWx C FF.FF Mxxx or 5xYWWxx FF.FFF M CPLE xxx Frequency in MHz Supply Voltage V CC W = 2.5V + _ 10% Optional Enhanced OTR Blank = Temp. range -10 to +70oC E = Temp. range -40 to +85oC Series Model Frequency Stability 45 = + _ 50 ppm 44 = + _ 25 ppm 20 = + _ 20 ppm Series Model Marking Legend: PLE = Pletronics FF.FFF M = Frequency in MHz YYWW or YWW or YMD = Date of Manufacture (year and week, or year-month-day) All other marking is internal factory codes Specifications such as frequency stability, supply voltage and operating temperature range, etc. are not identified from the marking. External packaging labels and packing list will correctly identify the ordered Pletronics part number. Codes for Date Code YMD Code 6 7 8 9 0 1 2 Year 2006 2007 2008 2009 2010 2011 2012 Code A B C D E F G H J K L M Month JAN FEB MAR APR MAY JUN JUL AUG SEP OCT NOV DEC Code 123456789 A B C Day 123456789 10 11 12 Code D E F G H J K L M N P R Day 13 14 15 16 17 18 19 20 21 22 23 24 Code T U V W X Y Z Day 25 26 27 28 29 30 31 |
Podobny numer części - SM5520MEW |
|
Podobny opis - SM5520MEW |