Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5544MW Arkusz danych(PDF) 4 Page - Pletronics, Inc.

Numer części SM5544MW
Szczegółowy opis  2.5 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PLETRONICS [Pletronics, Inc.]
Strona internetowa  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5544MW Arkusz danych(HTML) 4 Page - Pletronics, Inc.

  SM5544MW Datasheet HTML 1Page - Pletronics, Inc. SM5544MW Datasheet HTML 2Page - Pletronics, Inc. SM5544MW Datasheet HTML 3Page - Pletronics, Inc. SM5544MW Datasheet HTML 4Page - Pletronics, Inc. SM5544MW Datasheet HTML 5Page - Pletronics, Inc. SM5544MW Datasheet HTML 6Page - Pletronics, Inc. SM5544MW Datasheet HTML 7Page - Pletronics, Inc. SM5544MW Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM55M Series 2.5 V
CMOS Clock Oscillators
June 2007
www.pletronics.com
425-776-1880
4
Electrical Specification for 2.50V +
_10% over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
2.8
5.5
nS
< 35 MHz
C
LOAD = 15 pF
10% to 90% of V
CC
See Load Circuit
36
nS
> 35 MHz and < 70 MHz
1
2
nS
> 70 MHz
4.5
9
nS
< 35 MHz
C
LOAD =30 pF
10% to 90% of V
CC
See Load Circuit
612
nS
> 35 MHz and < 70 MHz
23
nS
> 70 MHz and <120 MHz
V
CC Supply Current (ICC)
1.5
2.5
mA
< 8 MHz
C
LOAD = 15 pF
1.8
3
mA
> 8 MHz and < 16 MHz
2.4
4
mA
> 16 MHz and < 35 MHz
79
mA
> 35 MHz and < 70 MHz
23
36
mA
> 70 MHz and <120 MHz
35
55
mA
> 120 MHz
23
mA
< 8 MHz
C
LOAD = 30 pF
2.2
3.5
mA
> 8 MHz and < 16 MHz
2.5
4.5
mA
> 16 MHz and < 35 MHz
10
13
mA
> 35 MHz and < 70 MHz
27
42
mA
> 70 MHz and <120 MHz
Specifications with Pad 1 E/D open circuit
Typical phase noise plot for 5 oscillators at different output frequencies.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1,000
100,000
10,000,000
Frequency (Hz)
19.4M
25M
32M
50M
66.7M


Podobny numer części - SM5544MW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pletronics, Inc.
SM5544MW-75.0M-T1K PLETRONICS-SM5544MW-75.0M-T1K Datasheet
111Kb / 8P
   SM55M Series 2.5 V CMOS Clock Oscillators
SM5544MW-75.0M-T250 PLETRONICS-SM5544MW-75.0M-T250 Datasheet
111Kb / 8P
   SM55M Series 2.5 V CMOS Clock Oscillators
SM5544MW-75.0M-T500 PLETRONICS-SM5544MW-75.0M-T500 Datasheet
111Kb / 8P
   SM55M Series 2.5 V CMOS Clock Oscillators
More results

Podobny opis - SM5544MW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pletronics, Inc.
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745GEW PLETRONICS-SM7745GEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SQ3345DESW PLETRONICS-SQ3345DESW Datasheet
135Kb / 7P
   2.5 V CMOS Clock Oscillators
SM7645HEW PLETRONICS-SM7645HEW Datasheet
202Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745MEW PLETRONICS-SM7745MEW Datasheet
149Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TW-750M-T250 PLETRONICS-SM5545TW-750M-T250 Datasheet
144Kb / 8P
   SM55T Series 2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com