Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM7644DW Arkusz danych(PDF) 4 Page - Pletronics, Inc.

Numer części SM7644DW
Szczegółowy opis  2.5 V CMOS Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PLETRONICS [Pletronics, Inc.]
Strona internetowa  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7644DW Arkusz danych(HTML) 4 Page - Pletronics, Inc.

  SM7644DW Datasheet HTML 1Page - Pletronics, Inc. SM7644DW Datasheet HTML 2Page - Pletronics, Inc. SM7644DW Datasheet HTML 3Page - Pletronics, Inc. SM7644DW Datasheet HTML 4Page - Pletronics, Inc. SM7644DW Datasheet HTML 5Page - Pletronics, Inc. SM7644DW Datasheet HTML 6Page - Pletronics, Inc. SM7644DW Datasheet HTML 7Page - Pletronics, Inc. SM7644DW Datasheet HTML 8Page - Pletronics, Inc. SM7644DW Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SM76D Series 2.5 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
4
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1,000
100,000
10,000,000
Frequency (Hz)
Electrical Specification for 2.50V +
_10% over the specified temperature range
Item
Min
Typ
Max
Unit
Condition
V
OUT High (VOH)2.5
2.7
-
V
V
CC = 2.97V, IOH = +8 mA
V
OUT Low (VOL)-
0.3
0.4
V
V
CC = 2.97V, IOL = -8 mA
Output T
RISE and TFALL
-
1.0
3.0
nS
>110 MHz
C
LOAD = 15 pF
10% to 90% of V
CC
See Load Circuit
-
1.0
3.0
nS
>80 MHz and < 110 MHz
-2.0
4.0
nS
< 80 MHz
-
2.5
4.0
nS
>110 MHz
C
LOAD = 30 pF
10% to 90% of V
CC
See Load Circuit
-
2.5
4.0
nS
>80 MHz and < 110 MHz
-3.5
6.0
nS
< 80 MHz
V
CC Supply Current
(I
CC)
-
25
60
mA
>110 MHz
C
LOAD = 15 pF
-
20
50
mA
>80 MHz and < 110 MHz
-15
40
mA
< 80 MHz
-
38
70
mA
>110 MHz
C
LOAD = 30 pF
-
31
60
mA
>80 MHz and < 110 MHz
-20
45
mA
< 80 MHz
Specifications with Pad 1 E/D open circuit
Typical phase-noise
characteristics at 106.25MHz


Podobny numer części - SM7644DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pletronics, Inc.
SM7644D PLETRONICS-SM7644D Datasheet
203Kb / 9P
   5.0 V CMOS Clock Oscillators
SM7644DE PLETRONICS-SM7644DE Datasheet
203Kb / 9P
   5.0 V CMOS Clock Oscillators
SM7644DEV PLETRONICS-SM7644DEV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7644DEX PLETRONICS-SM7644DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
SM7644DV PLETRONICS-SM7644DV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
More results

Podobny opis - SM7644DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pletronics, Inc.
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745GEW PLETRONICS-SM7745GEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SQ3345DESW PLETRONICS-SQ3345DESW Datasheet
135Kb / 7P
   2.5 V CMOS Clock Oscillators
SM7645HEW PLETRONICS-SM7645HEW Datasheet
202Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745MEW PLETRONICS-SM7745MEW Datasheet
149Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TW-750M-T250 PLETRONICS-SM5545TW-750M-T250 Datasheet
144Kb / 8P
   SM55T Series 2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com