Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM7620DE Arkusz danych(PDF) 9 Page - Pletronics, Inc.

Numer części SM7620DE
Szczegółowy opis  5.0 V CMOS Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PLETRONICS [Pletronics, Inc.]
Strona internetowa  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7620DE Arkusz danych(HTML) 9 Page - Pletronics, Inc.

  SM7620DE Datasheet HTML 1Page - Pletronics, Inc. SM7620DE Datasheet HTML 2Page - Pletronics, Inc. SM7620DE Datasheet HTML 3Page - Pletronics, Inc. SM7620DE Datasheet HTML 4Page - Pletronics, Inc. SM7620DE Datasheet HTML 5Page - Pletronics, Inc. SM7620DE Datasheet HTML 6Page - Pletronics, Inc. SM7620DE Datasheet HTML 7Page - Pletronics, Inc. SM7620DE Datasheet HTML 8Page - Pletronics, Inc. SM7620DE Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SM76D Series 5.0 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
9
IMPORTANT NOTICE
Pletronics Incorporated (PLE) reserves the right to make corrections, improvements, modifications and
other changes to this product at anytime. PLE reserves the right to discontinue any product or service
without notice. Customers are responsible for obtaining the latest relevant information before placing
orders and should verify that such information is current and complete. All products are sold subject to
PLE’s terms and conditions of sale supplied at the time of order acknowledgment.
PLE warrants performance of this product to the specifications applicable at the time of sale in accordance
with PLE’s limited warranty. Testing and other quality control techniques are used to the extent PLE
deems necessary to support this warranty. Except where mandated by specific contractual documents,
testing of all parameters of each product is not necessarily performed.
PLE assumes no liability for application assistance or customer product design. Customers are
responsible for their products and applications using PLE components. To minimize the risks associated
with the customer products and applications, customers should provide adequate design and operating
safeguards.
PLE products are not designed, intended, authorized or warranted to be suitable for use in life support
applications, devices or systems or other critical applications that may involve potential risks of death,
personal injury or severe property or environmental damage. Inclusion of PLE products in such
applications is understood to be fully at the risk of the customer. Use of PLE products in such applications
requires the written approval of an appropriate PLE officer. Questions concerning potential risk
applications should be directed to PLE.
PLE does not warrant or represent that any license, either express or implied, is granted under any PLE
patent right, copyright, artwork or other intellectual property right relating to any combination, machine or
process which PLE product or services are used. Information published by PLE regarding third-party
products or services does not constitute a license from PLE to use such products or services or a
warranty or endorsement thereof. Use of such information may require a license from a third party under
the patents or other intellectual property of the third party, or a license from PLE under the patents or other
intellectual property of PLE.
Reproduction of information in PLE data sheets or web site is permissible only if the reproduction is
without alteration and is accompanied by associated warranties, conditions, limitations and notices.
Reproduction of this information with alteration is an unfair and deceptive business practice. PLE is not
responsible or liable for such altered documents.
Resale of PLE products or services with statements different from or beyond the parameters stated by
PLE for that product or service voids all express and implied warranties for the associated PLE product or
service and is an unfair or deceptive business practice. PLE is not responsible for any such statements.
Contacting Pletronics Inc.
Pletronics Inc.
Tel: 425-776-1880
19013 36th Ave. West
Fax: 425-776-2760
Lynnwood, WA 98036-5761 USA
E-mail: ple-sales@pletronics.com
URL: www.pletronics.com
Copyright © 2007, 2008, Pletronics Inc.


Podobny numer części - SM7620DE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pletronics, Inc.
SM7620DEV PLETRONICS-SM7620DEV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7620DEW PLETRONICS-SM7620DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7620DEX PLETRONICS-SM7620DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
More results

Podobny opis - SM7620DE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pletronics, Inc.
SM7745DE PLETRONICS-SM7745DE Datasheet
149Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745HE PLETRONICS-SM7745HE Datasheet
110Kb / 8P
   5.0 V CMOS Clock Oscillators
SM5545ME PLETRONICS-SM5545ME Datasheet
152Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745ME PLETRONICS-SM7745ME Datasheet
150Kb / 8P
   5.0 V CMOS Clock Oscillators
SQ3345DES PLETRONICS-SQ3345DES Datasheet
132Kb / 7P
   5.0 V CMOS Clock Oscillators
SM5545TE PLETRONICS-SM5545TE Datasheet
151Kb / 8P
   5.0 V CMOS Clock Oscillators
P1145-3SDES PLETRONICS-P1145-3SDES Datasheet
78Kb / 7P
   P113SD Series 5.0 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com