Zakładka z wyszukiwarką danych komponentów |
|
SN74ABT16241ADGG Arkusz danych(PDF) 5 Page - Texas Instruments |
|
SN74ABT16241ADGG Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 7 page SN54ABT16241A, SN74ABT16241A 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCBS096G – FEBRUARY 1991 – REVISED OCTOBER 1998 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 1) SN54ABT16241A PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, TA = 25°C MIN MAX UNIT MIN TYP MAX tPLH A Y 0.9 2.7 3.4 0.9 3.8 ns tPHL A Y 0.9 2.7 3.9 0.9 4.6 ns tPZH OE or OE Y 1.2 3.3 4.2 1.2 5.1 ns tPZL OE or OE Y 1.3 3.4 5.9 1.3 7 ns tPHZ OE or OE Y 1.5 4.1 5.5 1.5 7 ns tPLZ OE or OE Y 1.7 3.6 5.1 1.7 5.7 ns switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 1) SN74ABT16241A PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, TA = 25°C MIN MAX UNIT MIN TYP MAX tPLH A Y 1 2.7 3.4 1 3.7 ns tPHL A Y 1 2.7 3.9 1 4.5 ns tPZH OE or OE Y 1.2 3.3 4.2 1.2 5 ns tPZL OE or OE Y 1.3 3.4 5.9 1.3 6.9 ns tPHZ OE or OE Y 1.5 4.1 5.2 1.5 6.2 ns tPLZ OE or OE Y 1.7 3.6 5.1 1.7 5.6 ns |
Podobny numer części - SN74ABT16241ADGG |
|
Podobny opis - SN74ABT16241ADGG |