Zakładka z wyszukiwarką danych komponentów |
|
SN74ABT162827ADGV Arkusz danych(PDF) 4 Page - Texas Instruments |
|
SN74ABT162827ADGV Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 11 page SN54ABT162827A, SN74ABT162827A 20BIT BUFFERS/DRIVERS WITH 3STATE OUTPUTS SCBS248F − JULY 1993 − REVISED JUNE 2004 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS TA = 25°C SN54ABT162827A SN74ABT162827A UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN MAX MIN MAX UNIT VIK VCC = 4.5 V, II = −18 mA −1.2 −1.2 −1.2 V VCC = 4.5 V, IOH = −1 mA 3.35 3.35 3.35 VOH VCC = 5 V, IOH = −1 mA 3.85 3.85 3.85 V VOH VCC = 4.5 V IOH = −3 mA 3.1 3.1 3.1 V VCC = 4.5 V IOH = −12 mA 2.6* 2.6 VOL VCC = 4.5 V IOL = 8 mA 0.4 0.8 0.65 V VOL VCC = 4.5 V IOL = 12 mA 0.8* 0.8 V Vhys 100 mV II VCC = 0 to 5.5 V, VI = VCC or GND ±1 ±1 ±1 µA IOZPU VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X ±50 ±50 ±50 µA IOZPD VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X ±50 ±50 ±50 µA IOZH‡ VCC = 2.1 V to 5.5 V, VO = 2.7 V, OE ≥ 2 V 10 10 10 µA IOZL‡ VCC = 2.1 V to 5.5 V, VO = 0.5 V, OE ≥ 2 V −10 −10 −10 µA Ioff VCC = 0, VI or VO ≤ 4.5 V ±100 ±100 µA ICEX VCC = 5.5 V, VO = 5.5 V Outputs high 50 50 50 µA IO§ VCC = 5.5 V, VO = 2.5 V −25 −75 −100 −25 −100 −25 −100 mA VCC = 5.5 V, Outputs high 2 2 2 ICC VCC = 5.5 V, IO = 0, V = V or GND Outputs low 32 32 32 mA ICC IO = 0, VI = VCC or GND Outputs disabled 2 2 2 mA Data VCC = 5.5 V, One input at 3.4 V, Outputs enabled 1 1.5 1 ∆ICC¶ Data inputs One input at 3.4 V, Other inputs at VCC or GND Outputs disabled 0.05 1 0.05 mA CC Control inputs VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 1.5 1.5 1.5 Ci VI = 2.5 V or 0.5 V 4 pF Co VO = 2.5 V or 0.5 V 7 pF * On products compliant to MIL-PRF-38535, this parameter does not apply. † All typical values are at VCC = 5 V. ‡ The parameters IOZH and IOZL include the input leakage current. § Not more than one output should be tested at a time, and the duration of the test should not exceed one second. ¶ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Podobny numer części - SN74ABT162827ADGV |
|
Podobny opis - SN74ABT162827ADGV |