Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM7720HEX Arkusz danych(PDF) 5 Page - Pletronics, Inc.

Numer części SM7720HEX
Szczegółowy opis  1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PLETRONICS [Pletronics, Inc.]
Strona internetowa  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7720HEX Arkusz danych(HTML) 5 Page - Pletronics, Inc.

  SM7720HEX Datasheet HTML 1Page - Pletronics, Inc. SM7720HEX Datasheet HTML 2Page - Pletronics, Inc. SM7720HEX Datasheet HTML 3Page - Pletronics, Inc. SM7720HEX Datasheet HTML 4Page - Pletronics, Inc. SM7720HEX Datasheet HTML 5Page - Pletronics, Inc. SM7720HEX Datasheet HTML 6Page - Pletronics, Inc. SM7720HEX Datasheet HTML 7Page - Pletronics, Inc. SM7720HEX Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SM77H Series 1.8 V
CMOS Clock Oscillators
May 2008
www.pletronics.com
425-776-1880
5
Load Circuit and Test Waveform
Reliability: Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002, Condition B
Vibration
MIL-STD-883 Method 2007, Condition A
Solderability
MIL-STD-883 Method 2003
Thermal Shock
MIL-STD-883 Method 1011, Condition A
ESD Rating
Model
Minimum Voltage
Conditions
Human Body Model
1500
MIL-STD-883 Method 3115
Charged Device Model
1000
JESD 22-C101
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm)
Label is 1" x 2.6" (25.4mm x 66.7mm)
Font is Courier New
Font is Arial
Bar code is 39-Full ASCII
Trise
Ground
Vlow
20% * Vcc
Vhigh
50% * Vcc
80% * Vcc
Tfall
Symmetry


Podobny numer części - SM7720HEX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pletronics, Inc.
SM7720HE PLETRONICS-SM7720HE Datasheet
110Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7720HEV PLETRONICS-SM7720HEV Datasheet
109Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7720HEW PLETRONICS-SM7720HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
More results

Podobny opis - SM7720HEX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pletronics, Inc.
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7645DEX PLETRONICS-SM7645DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM77D ETC1-SM77D Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
logo
Pletronics, Inc.
SQ3345DESX PLETRONICS-SQ3345DESX Datasheet
133Kb / 7P
   1.8 V CMOS Clock Oscillators
SM5545TX-750M-T250 PLETRONICS-SM5545TX-750M-T250 Datasheet
110Kb / 8P
   SM55T Series 1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com