Zakładka z wyszukiwarką danych komponentów |
|
SN74ABT16374ADLR Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
SN74ABT16374ADLR Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 11 page SN54ABT16374A, SN74ABT16374A 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS SCBS205C – MARCH 1993 – REVISED MAY 1997 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 1) SN54ABT16374A PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, TA = 25°C MIN MAX UNIT MIN TYP MAX fmax 150 150 MHz tPLH CLK Q 1.8 4.3 5.7 1.5 6.9 ns tPHL CLK Q 2.7 4.7 6.1 2.2 6.9 ns tPZH OE Q 1.2 3.4 4.8 0.8 6.1 ns tPZL OE Q 1.6 3.5 4.9 1.2 5.5 ns tPHZ OE Q 2.2 5.5 8.6 1.8 9.6 ns tPLZ OE Q 2.2 4.3 6.2 1.8 7.2 ns switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 1) SN74ABT16374A PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, TA = 25°C MIN MAX UNIT MIN TYP MAX fmax 150 150 MHz tPLH CLK Q 1.8 4.3 5.4 1.8 6.2 ns tPHL CLK Q 2.7 4.7 5.6 2.7 5.9 ns tPZH OE Q 1.2 3.4 4.8 1.2 5.6 ns tPZL OE Q 1.6 3.5 4.7 1.6 5.3 ns tPHZ OE Q 2.2 5.5 7.1 2.2 8.2 ns tPLZ OE Q 2.2 4.3 5.8 2.2 6.6 ns |
Podobny numer części - SN74ABT16374ADLR |
|
Podobny opis - SN74ABT16374ADLR |