Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SSB-COB10125GW-B Arkusz danych(PDF) 1 Page - LUMEX INC.

Numer części SSB-COB10125GW-B
Szczegółowy opis  101mm x 25mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565mm GREEN, 60 CHIPS, 10.5V 120mA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LUMEX [LUMEX INC.]
Strona internetowa  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSB-COB10125GW-B Arkusz danych(HTML) 1 Page - LUMEX INC.

  SSB-COB10125GW-B Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Podobny numer części - SSB-COB10125GW-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SSB-COB10125GW-B ETC2-SSB-COB10125GW-B Datasheet
55Kb / 1P
   101mm x 25mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green
More results

Podobny opis - SSB-COB10125GW-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LUMEX INC.
SSB-COB10125GW LUMEX-SSB-COB10125GW Datasheet
51Kb / 1P
   101mm x 25mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565mm GREEN, 52 CHIPS, 4.2V 260mA
logo
List of Unclassifed Man...
SSB-COB10125GW ETC2-SSB-COB10125GW Datasheet
51Kb / 1P
   101mm x 25mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green
SSB-COB10125GW-B ETC2-SSB-COB10125GW-B Datasheet
55Kb / 1P
   101mm x 25mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green
SSB-COB10125GW-C ETC2-SSB-COB10125GW-C Datasheet
52Kb / 1P
   101mm x 25mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565NM green
logo
LUMEX INC.
SSB-COB10125GW-C LUMEX-SSB-COB10125GW-C Datasheet
52Kb / 1P
   101mm x 25mm VIEW AREA, CHIP ON BOARD LED ACKLIGHT, 565mm GREEN, 52 CHIPS, 4.2V 260mA
SSB-COB6519GW-B LUMEX-SSB-COB6519GW-B Datasheet
52Kb / 1P
   65mm x 19mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565mm GREEN CHIPS, 24 CHIPS, 4.2V 120mA
SSB-COB10114GW LUMEX-SSB-COB10114GW Datasheet
51Kb / 1P
   101mm x 14mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 32 CHIPS, 565mm GREEN, 4.2V 160mA
SSB-COB6519GW LUMEX-SSB-COB6519GW Datasheet
51Kb / 1P
   65mm x 19mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 565mm GREEN CHIPS, 24CHIPS, 4.2V 120mA
SSB-COB10025GW-A LUMEX-SSB-COB10025GW-A Datasheet
52Kb / 1P
   100mm x 25mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 40 CHIPS, 565mm GREEN, 4.2V 200mA
SSB-COB10025GW LUMEX-SSB-COB10025GW Datasheet
52Kb / 1P
   100mm x 25mm VIEW AREA, CHIP ON BOARD LED BACKLIGHT, 72 CHIPS, 565mm GREEN, 4.2V 360mA
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com