Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT853 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ABT853
Szczegółowy opis  8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT853 Arkusz danych(HTML) 6 Page - Texas Instruments

  SN74ABT853 Datasheet HTML 1Page - Texas Instruments SN74ABT853 Datasheet HTML 2Page - Texas Instruments SN74ABT853 Datasheet HTML 3Page - Texas Instruments SN74ABT853 Datasheet HTML 4Page - Texas Instruments SN74ABT853 Datasheet HTML 5Page - Texas Instruments SN74ABT853 Datasheet HTML 6Page - Texas Instruments SN74ABT853 Datasheet HTML 7Page - Texas Instruments SN74ABT853 Datasheet HTML 8Page - Texas Instruments SN74ABT853 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SN54ABT853, SN74ABT853
8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SCBS198F – FEBRUARY 1991 – REVISED OCTOBER 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT853
SN74ABT853
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
2.5
VOH
All outputs
VCC = 5 V,
IOH = –3 mA
3
3
3
V
VOH
except ERR
VCC =4 5V
IOH = –24 mA
2
2
V
VCC = 4.5 V
IOH = – 32 mA
2*
2
VOL
VCC =4 5V
IOL = 24 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55*
0.55
V
Vhys
100
mV
IOH
ERR
VCC = 4.5 V,
VOH = 5.5 V
50
50
50
µA
II
Control inputs
VCC =5 5V
VI =VCC or GND
±1
±1
±1
µA
II
A or B ports
VCC = 5.5 V,
VI = VCC or GND
±100
±100
±100
µA
IOZPU‡
VCC = 0 to 2.1 V,
VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
µA
IOZPD‡
VCC = 2.1 V to 0,
VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
µA
IOZH§
VCC = 5.5 V,
VO = 2.7 V
10
10
10
µA
IOZL§
VCC = 5.5 V,
VO = 0.5 V
–10
–10
–10
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
50
µA
IO¶
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–200#
–50
–200#
–50
–200#
mA
VCC = 5.5 V,
Outputs high
1
250
450
250
µA
ICC
A or B ports
VCC 5.5 V,
IO = 0,
Outputs low
24
38
38
38
mA
VI = VCC or GND
Outputs disabled
0.5
250
450
250
µA
||
Data inp ts
VCC = 5.5 V,
One input at 3.4 V,
Outputs enabled
1.5
1.5
1.5
mA
∆ICC||
Data inputs
,
Other inputs at
VCC or GND
Outputs disabled
50
50
50
µA
Control inputs
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
1.5
mA
Ci
Control inputs
VI = 2.5 V or 0.5 V
4.5
pF
Cio
A or B ports
VO = 2.5 V or 0.5 V
10.5
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ This parameter is characterized, but not production tested.
§ The parameters IOZH and IOZL include the input leakage current.
¶ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
# This data sheet limit can vary among suppliers.
|| This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.


Podobny numer części - SN74ABT853

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT853 TI-SN74ABT853 Datasheet
357Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
SN74ABT853 TI1-SN74ABT853 Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN74ABT853DW TI1-SN74ABT853DW Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN74ABT853DWR TI1-SN74ABT853DWR Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results

Podobny opis - SN74ABT853

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI1-SN54ABT853_17 Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI1-SN54ABT833_15 Datasheet
251Kb / 13P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_07 Datasheet
308Kb / 11P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_08 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_98 Datasheet
171Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833 Datasheet
169Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853 Datasheet
143Kb / 8P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_06 Datasheet
157Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
74ACT16833 TI1-74ACT16833 Datasheet
172Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com