Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA17 Arkusz danych(PDF) 2 Page - MIC GROUP RECTIFIERS

Numer części SMA17
Szczegółowy opis  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIC [MIC GROUP RECTIFIERS]
Strona internetowa  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SMA17 Arkusz danych(HTML) 2 Page - MIC GROUP RECTIFIERS

  SMA17 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SMA17 Datasheet HTML 2Page - MIC GROUP RECTIFIERS SMA17 Datasheet HTML 3Page - MIC GROUP RECTIFIERS SMA17 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Stand-off Voltage
5.0 to 170 Volts
SMA5.0 THRU SMA170CA
Peak Pulse Power
300 Watts
Electrical Characteristic (TA =25℃ unless otherwise noted)
Device
Marking Code
(Note 4)
Breakdown Voltage
V(BR) (Volts) at Test Current IT
(Note 1&2)
Device
Type
UNI
BI
MIN
MAX
IT(mA)
Working
Peak
Reverse
Voltage
VWM (Volts)
Maximum
Reverse
Leakage at
VWM ID (μA)
(Note 3)
Maximum
Peak Pulse
Surge Current
IPPM*
(Amps)
Maximum
Clamping
Voltage at
IPPM*
VC (Volts)
SMA5.0
5V0
5V0C
6.4
7.81
10
5.0
800
31.3
9.6
SMA5.0A
5V0A
5V0CA
6.4
7.08
10
5.0
800
32.6
9.2
SMA6.0
6V0
6V0C
6.67
8.15
10
6.0
800
26.3
11.4
SMA6.0A
6V0A
6V0CA
6.67
7.37
10
6.0
800
29.1
10.3
SMA6.5
6V5
6V0C
7.22
8.82
10
6.5
500
24.4
12.3
SMA6.5A
6V5A
6V0CA
7.22
7.98
10
6.5
500
26.8
11.2
SMA7.0
7V0
7V0C
7.78
9.51
10
7.0
200
22.6
3.3
SMA7.0A
7V0A
7V0CA
7.78
8.6
10
7.0
200
25
12
SMA7.5
7V5
7V0C
8.33
10.3
1
7.5
100
21
14.3
SMA7.5A
7V5A
7V0CA
8.33
9.21
1
7.5
100
23.3
12.9
SMA8.0
8V0
8V0C
8.89
10.9
1
8.0
50
20
15
SMA8.0A
8V0A
8V0CA
8.89
9.83
1
8.0
50
22.1
13.6
SMA8.5
8V5
8V0C
9.44
11.5
1
8.5
10
18.9
15.9
SMA8.5A
8V5A
8V0CA
9.44
10.4
1
8.5
10
20.8
14.4
SMA9.0
9V0
9V0C
10
12.2
1
9.0
5
17.8
16.9
SMA9.0A
9V0A
9V0CA
10
11.1
1
9.0
5
19.5
15.4
SMA10
10V
10VC
11.1
13.6
1
10.0
5
16
18.8
SMA10A
10VA
10VCA
11.1
12.3
1
10.0
5
17.6
17
SMA11
11V
11VC
12.2
14.9
1
11.0
5
14.9
20.0
SMA11A
11VA
11VCA
12.2
13.5
1
11.0
5
16.5
18.2
SMA12
12V
12VC
13.3
16.3
1
12.0
5
13.6
22
SMA12A
12VA
12VCA
13.3
14.7
1
12.0
5
15.1
19.9
SMA13
13V
13VC
14.4
17.6
1
13.0
5
12.5
23.8
SMA13A
13VA
13VCA
14.4
15.9
1
13.0
5
14
21.5
SMA14
14V
14VC
15.6
19.1
1
14.0
5
11.6
25.8
SMA14A
14VA
14VCA
15.6
17.2
1
14.0
5
12.9
23.2
SMA15
15V
15VC
16.7
20.4
1
15.0
5
11.2
26.9
SMA15A
15VA
15VCA
16.7
18.5
1
15.0
5
12.3
24.4
SMA16
16V
16VC
17.8
21.8
1
16.0
5
10.4
28.8
SMA16A
16VA
16VCA
17.8
19.7
1
16.0
5
11.5
26
SMA17
17V
17VC
18.9
12.1
1
17.0
5
9.8
30.5
SMA17A
17VA
17VCA
18.9
20.9
1
17.0
5
10.9
27.6
SMA18
18V
18VC
20
24.4
1
18.0
5
9.3
32.2
SMA18A
18VA
18VCA
20
22.1
1
18.0
5
10.3
29.2
SMA20
20V
20VC
22.2
27.1
1
20.0
5
8.4
35.8
SMA20A
20VA
20VCA
22.2
24.5
1
20.0
5
9.3
32.4
SMA22
22V
22VC
24.4
29.8
1
22.2
5
7.6
39.4
SMA22A
22VA
22VCA
24.4
26.9
1
22.2
5
8.5
35.5
SMA24
24V
24VC
26.7
32.6
1
24.0
5
7
43
SMA24A
24VA
24VCA
26.7
29.5
1
24.0
5
7.7
38.9
SMA 26
26V
26VC
28.9
35.3
1
26.0
5
6.4
46.6
SMA26A
26VA
26VCA
28.9
31.9
1
26.0
5
7.1
42.1
SMA28
28V
28VC
31.1
38
1
28.0
5
6
50
SMA28A
28VA
28VCA
31.1
34.4
1
28.0
5
6.6
45.4
SMA30
30V
30VC
33.3
40.7
1
30.0
5
5.6
53.5
SMA30A
30VA
30VCA
33.3
36.8
1
30.0
5
6.2
48.4
SMA33
33V
33VC
36.7
44.9
1
33.0
5
5.1
59
SMA33A
33VA
33VCA
36.7
40.6
1
33.0
5
5.6
53.3
Notes:
*Peak Pulse power waveform in 10/1000 us


Podobny numer części - SMA17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
SMA17 MACOM-SMA17 Datasheet
105Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
SMA17 MACOM-SMA17 Datasheet
360Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
SMA17 MA-COM-SMA17 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
SMA17 MA-COM-SMA17 Datasheet
636Kb / 3P
   Cascadable Amplifier
logo
SUNMATE electronic Co.,...
SMA17 SUNMATE-SMA17 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Podobny opis - SMA17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com