Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT827PWE4 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części SN74ABT827PWE4
Szczegółowy opis  10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT827PWE4 Arkusz danych(HTML) 2 Page - Texas Instruments

  SN74ABT827PWE4 Datasheet HTML 1Page - Texas Instruments SN74ABT827PWE4 Datasheet HTML 2Page - Texas Instruments SN74ABT827PWE4 Datasheet HTML 3Page - Texas Instruments SN74ABT827PWE4 Datasheet HTML 4Page - Texas Instruments SN74ABT827PWE4 Datasheet HTML 5Page - Texas Instruments SN74ABT827PWE4 Datasheet HTML 6Page - Texas Instruments SN74ABT827PWE4 Datasheet HTML 7Page - Texas Instruments SN74ABT827PWE4 Datasheet HTML 8Page - Texas Instruments SN74ABT827PWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN54ABT827, SN74ABT827
10BIT BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCBS159E − JANUARY 1991 − REVISED APRIL 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the DB, DW, JT, NT, and PW packages.
2
A1
3
A2
4
A3
5
A4
6
A5
Y1
23
Y2
22
Y3
21
Y4
20
Y5
19
Y6
18
Y7
17
Y8
16
7
A6
8
A7
9
A8
13
1
OE1
OE2
EN
&
Y9
15
Y10
14
10
A9
11
A10
1
logic diagram (positive logic)
Y1
To Nine Other Channels
OE1
OE2
A1
1
13
223
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high or power-off state, VO
−0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO: SN54ABT827
96 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ABT827
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−18 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DB package
104
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DW package
81
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NT package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
120
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with EIA/JEDEC Std JESD51, except for through-hole packages,
which use a trace length of zero.


Podobny numer części - SN74ABT827PWE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT827PW TI1-SN74ABT827PW Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT827PWG4 TI1-SN74ABT827PWG4 Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT827PWLE TI1-SN74ABT827PWLE Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ABT827PWR TI1-SN74ABT827PWR Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ABT827PWE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54BCT29827B TI-SN54BCT29827B Datasheet
251Kb / 9P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT827 TI1-SN54ABT827_16 Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2827 TI-SN54ABT2827 Datasheet
104Kb / 6P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74BCT29828B TI1-SN74BCT29828B Datasheet
78Kb / 4P
[Old version datasheet]   10-BIT BUFFERS /DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2827 TI1-SN54ABT2827_15 Datasheet
526Kb / 12P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI-54ACT11828 Datasheet
78Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI-54ACT11827 Datasheet
87Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI1-54ACT11827_09 Datasheet
100Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI1-54ACT11828_09 Datasheet
90Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
SN74ALS29827 TI-SN74ALS29827 Datasheet
80Kb / 5P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com