Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN2560UC15X Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FAN2560UC15X
Szczegółowy opis  350mA Low-VIN LDO with Fast Transient Response
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2560UC15X Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FAN2560UC15X Datasheet HTML 1Page - Fairchild Semiconductor FAN2560UC15X Datasheet HTML 2Page - Fairchild Semiconductor FAN2560UC15X Datasheet HTML 3Page - Fairchild Semiconductor FAN2560UC15X Datasheet HTML 4Page - Fairchild Semiconductor FAN2560UC15X Datasheet HTML 5Page - Fairchild Semiconductor FAN2560UC15X Datasheet HTML 6Page - Fairchild Semiconductor FAN2560UC15X Datasheet HTML 7Page - Fairchild Semiconductor FAN2560UC15X Datasheet HTML 8Page - Fairchild Semiconductor FAN2560UC15X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2560 • Rev. 1.0.0
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Units
VBAT, VIN, EN
-0.3
6.0
V
VOUT
Output Voltage
-0.3
VIN + 0.3V
V
TJ
Junction Temperature
-40
+150
°C
TSTG
Storage Temperature
-65
+150
°C
TL
Lead Soldering Temperature, 10 Seconds
+260
°C
Human Body Model per JESD22-A114
3.5
ESD
Electrostatic Discharge
Protection Level
Charged Device Model per JESD22-C101
1.5
kV
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Min.
Typ.
Max.
Units
VBAT
Bias Supply Range, (VOUT + 1.4V) < VBAT
2.9
5.5
V
VIN
Power Supply Range, (VIN < VBAT)
VOUT + VDO
VBAT
V
IOUT
Output Current
0
350
mA
Input Capacitor (Effective Capacitance)
0.7
1.0
μF
CIN
Equivalent Series Resistance (ESR)
0
300
mΩ
Output Capacitor (Effective Capacitance)
0.7
2.2
12.0
μF
COUT
Equivalent Series Resistance (ESR)
3
300
mΩ
TA
Operating Ambient Temperature Range
-40
+85
°C
TJ
Operating Junction Temperature Range
-40
+125
°C
Thermal Properties
Symbol
Parameter
Min.
Typ.
Max.
Units
ΘJA
Junction-to-Ambient Thermal Resistance
180
(1)
°C/W
Note
:
1
Junction-to-ambient thermal resistance is a function of application and board layout. This data is measured with
four-layer boards in accordance to JESD51- JEDEC standard. Special attention must be paid not to exceed
junction temperature TJ(max) at a given ambient temperature TA.


Podobny numer części - FAN2560UC15X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN2560UC15X FAIRCHILD-FAN2560UC15X Datasheet
641Kb / 11P
   350mA Low-VIN LDO with Fast Transient Response
More results

Podobny opis - FAN2560UC15X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN2560 FAIRCHILD-FAN2560_09 Datasheet
641Kb / 11P
   350mA Low-VIN LDO with Fast Transient Response
logo
Linear Technology
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
ON Semiconductor
NCV8186 ONSEMI-NCV8186 Datasheet
211Kb / 10P
   Fast Transient Response Low Voltage 1 A LDO
June, 2016 ??Rev. 0
logo
Advanced Monolithic Sys...
AMS3108 AMS-AMS3108 Datasheet
490Kb / 10P
   Micropower 700mA Low Noise Fast Transient Response LDO
logo
Linear Technology
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com