Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC-208A Arkusz danych(PDF) 4 Page - Murata Power Solutions Inc.

Numer części ADC-208A
Szczegółowy opis  8-Bit, 20MSPS CMOS Flash A/D (ADC-208 Compatible)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-208A Arkusz danych(HTML) 4 Page - Murata Power Solutions Inc.

  ADC-208A Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-208A Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-208A Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-208A Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ADC-208A LCC
ADC-208A DIP
0.250 ±0.005
(6.35)
0.050
(1.27)
0.090 Max.
(2.28)
0.400 SQ.
+0.010, –0.005
(10.16)
0.020 ±0.005
(0.50)
Pin 1
Pin 9
Pin 21
1.250
(31.7)
PIN 1
IDENTIFIER
0.500
(12.7)
DATEL
ADC-208A
0.020
(0.5)
0.100
(2.5)
0.050
(1.3)
0.610
(15.5)
0.190
(4.9)
0.190
(4.9)
0.38
(9.7)
01
02
01
02
01
02
AUTO ZERO
SAMPLE
N
N DATA
N+1 DATA
AUTO ZERO
SAMPLE
N+1
AUTO ZERO
SAMPLE
N+2
40nSec max.
40nSec max.
MODEL
TEMP. RANGE
PACKAGE
ADC-208AMC
0°C to +70°C
24-pin DIP
ADC-208AMM
–55°C to +125°C
24-pin DIP
ADC-208ALC
0°C to +70°C
24-pin LCC
ADC-208ALM
–55°C to +125°C
24-pin LCC
Figure 3 Timing Diagram
➀ The ADC-208AMM-QL replaces the ADC-208MM-QL and includes DATEL
QL High-Reliability Screening.
➁ The ADC-208ALM-QL replaces the ADC-208LM.
ORDERING INFORMATION
MECHNICAL DIMENSIONS
ADC-208A
8-Bit, 20MSPS CMOS Flash A/D (ADC-208 Compatible)
MDA_ADC-208A.B01 Page 4 of 4
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
03/20/09


Podobny numer części - ADC-208A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DATEL, Inc.
ADC-208ALC DATEL-ADC-208ALC Datasheet
102Kb / 1P
   CMOS Flash A/D
ADC-208ALC-C DATEL-ADC-208ALC-C Datasheet
102Kb / 1P
   CMOS Flash A/D
ADC-208ALE DATEL-ADC-208ALE Datasheet
102Kb / 1P
   CMOS Flash A/D
ADC-208ALE-C DATEL-ADC-208ALE-C Datasheet
102Kb / 1P
   CMOS Flash A/D
ADC-208ALM DATEL-ADC-208ALM Datasheet
102Kb / 1P
   CMOS Flash A/D
More results

Podobny opis - ADC-208A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADC-30634 ETC2-ADC-30634 Datasheet
109Kb / 4P
   8-Bit, 20MSPS CMOS Flash A/D
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
Intersil Corporation
HI5675 INTERSIL-HI5675_03 Datasheet
471Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI1175 RENESAS-HI1175 Datasheet
607Kb / 13P
   8-Bit, 20MSPS, Flash A/D Converter
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
   8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
Analog Devices
AD7574KNZ AD-AD7574KNZ Datasheet
655Kb / 8P
   CMOS uP-Compatible 8-bit ADC
REV. A
logo
Maxim Integrated Produc...
MAX1425 MAXIM-MAX1425 Datasheet
212Kb / 16P
   10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
logo
Linear Technology
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com