Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC-228AMC Arkusz danych(PDF) 3 Page - Murata Power Solutions Inc.

Numer części ADC-228AMC
Szczegółowy opis  8-Bit, 20MHz, Complete Flash A/D Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-228AMC Arkusz danych(HTML) 3 Page - Murata Power Solutions Inc.

  ADC-228AMC Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-228AMC Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-228AMC Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-228AMC Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL NOTES
1. Rated performance requires using good high-frequency techniques. The analog and digital
ground pins are connected to each other internally. Avoid ground related problems by connecting
the grounds to one point, the ground plane beneath the converter. Due to the inductance and
resistance of the power supply return paths, return the analog and digital ground separately to the
power supplies.
2. Bypass all the analog and digital supplies and the +5V REFERENCE (pin 3) to ground with a
4.7µF, 25V tantalum electrolytic capacitor in parallel with a 0.1µF ceramic capacitor.
ANALOG INPUT
CODE
STRAIGHT BIN.
+4.96V
+FS – 1 LSB
1111 1110
+3.75V
+ 3/4 FS
1100 0000
+2.50V
+ 1/2 FS
1000 0000
+1.25V
+ 1/4 FS
0100 0000
+0.02V
+ 1 LSB
0000 0001
0.00V
ZERO
0000 0000
Table 1. ADC-228A Unipolar Output Coding
Table 2. Chip Select Truth Table
CS2
Pin 12
CS1
Pin 11
Bits 1-8
0
0
Three State Mode
0
1
Three State Mode
1
0
Data Outputted
1
1
Three State Mode
Figure 2. ADC-228A Timing Diagram
SAMPLE
N + 2
SAMPLE
N + 1
SAMPLE
N
OUTPUT
HOLD TIME
DATA
N
DATA
N + 1
DATA
N + 2
CLOCK
DIGITAL
OUTPUT
OUTPUT
DELAY
Figure 3. ADC-228A Typical Connections
24
23
B8 (LSB)
B7
9k
Ω
51
Ω
19
VIN 5
+15V
*Optional
+
2, 4, 6, 7
+5V REFERENCE OUT
NO CONNECTION
3
8, 9, 13, 20
22
B6
21
B5
17
B4
16
B3
CS1 12
CLOCK 18
ANALOG
INPUT
15
B2
14
+
+
B1 (MSB)
4.7μF
0.1μF
10
1
–15V
+5V
CS1 11
* Use optional resistor only if
amp is not used to drive input.
ADC-228A
+
0.1μF
0.1μF
0.1μF
4.7μF
4.7μF
4.7μF
EE
R = V /1.667mA
ADC-228A
8-Bit, 20MHz, Complete Flash A/D Converter
MDA_ADC-228A.B01 Page 3 of 4
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Podobny numer części - ADC-228AMC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DATEL, Inc.
ADC-228AMC DATEL-ADC-228AMC Datasheet
103Kb / 1P
   CMOS Flash A/D
ADC-228AMC-C DATEL-ADC-228AMC-C Datasheet
103Kb / 1P
   CMOS Flash A/D
More results

Podobny opis - ADC-228AMC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
logo
Texas Instruments
ADC1175 TI1-ADC1175_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
logo
Fujitsu Component Limit...
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 20MHz)
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
logo
Analog Devices
AD570 AD-AD570_17 Datasheet
850Kb / 9P
   Complete 8-Bit A-to-D Converter
AD570 AD-AD570 Datasheet
312Kb / 8P
   Complete 8-Bit A-to-D Converter
REV. A
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com