Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC-321 Arkusz danych(PDF) 4 Page - Murata Power Solutions Inc.

Numer części ADC-321
Szczegółowy opis  8-Bit, 50MHz Video A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-321 Arkusz danych(HTML) 4 Page - Murata Power Solutions Inc.

  ADC-321 Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 6Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 7Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Figure 2-1. ADC-321 Timing Diagram
Figure 2-2. ADC-321 Timing Diagram
VIN
MSB
LSB
Table 2: Digital Output Coding
OUTPUT CODE
0V
0 0
0
0
0
0
0
0
+7.812mV
0 0
0
0
0
0
0
1
+0.9922V
0 1
1
1
1
1
1
1
+1.000V
1 0
0
0
0
0
0
0
+1.500V
1 1
0
0
0
0
0
0
+1.9922V
1 1
1
1
1
1
1
1
THEORY OF OPERATION
(See Functional Block Diagram, Figure 1, and Timing
Diagrams, Figure 2)
1. The DATEL ADC-321 is a 2-step parallel A/D converter
featuring a 4-bit upper comparator group and two 4-bit
lower comparator groups, each with built-in sample and
hold. A reference voltage equal to the voltage between
(VRT – VRB)/16 is constantly applied to the 4-bit upper
comparator block. A voltage corresponding to the upper
data is fed through the reference supply to the lower data.
VRTS and VRBS pins provde the self generation function for
VRT (reference voltage top) and VRB (reference voltage
bottom) voltages.
2. This converter uses an offset cancelation type comparator
and operates synchronously with the external clock. It
features various operating modes which are shown in the
Timing Diagram (Figure 2) by the symbols S, H and C.
These characters stand for Input Sampling (Auto Zero)
Mode, Input Hold Mode and Comparison Mode.
3. The operation of the respective parts is as indicated in
Figure 2-3. For instance, input voltage N is sampled with
the falling edge of the first clock by means of the upper
comparator block and the lower comparator A block. Input
voltage N+1 is sampled with the falling edge of the second
clock by means of the upper comparator block and lower
comparator B block. The upper comparator block finalizes
comparison data UD(N) with the rising edge of the second
clock. The lower comparator block finalizes comparison
data LD(N) with the rising edge of the third clock. UD(N)
and LD(N) are combined and routed to the output as Output
Data N with the rising edge of the fourth clock. Thus there
is a 2.5 clock delay from the analog input sampling point to
the digital data output.
1.3V
tr = 4.5ns
90%
10%
VOL
tphz
tplz
90%
tr = 4.5ns
10%
tpzh
1.3V
1.3V
tpzl
0V
3V
VOH
/(=DGND)
/(=DGND)
VOL
VOH
OE INPUT
OUTPUT 1
OUTPUT 2
CLOCK 1.3V
tr = 4ns
tf = 4ns
90%
10%
DATA
OUTPUTS
0. 3 DVS
0. 7 DVS
tpLH
3V
0V
tpHL
ADC-321
8-Bit, 50MHz Video A/D Converter
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDA_ADC-321.B01 Page 4 of 8


Podobny numer części - ADC-321

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
More results

Podobny opis - ADC-321

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
AH8308E ETC1-AH8308E Datasheet
674Kb / 8P
   8-bit composite video d/a converter
logo
Analog Devices
AD9048TQ-883B AD-AD9048TQ-883B Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
AD9048 AD-AD9048_15 Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Fujitsu Component Limit...
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com